Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-2200245 Datasheet (PDF) - Harwin Plc

M22-2200245 Datasheet PDF - Harwin Plc
Part # M22-2200245
Download  M22-2200245 Download
File Size   74.67 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2mm VERTICAL SHROUDED PIN HEADER

M22-2200245 Datasheet (PDF)

Go To PDF Page Download Datasheet
M22-2200245 Datasheet PDF - Harwin Plc

Part # M22-2200245
Download  M22-2200245 Click to download

File Size   74.67 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2mm VERTICAL SHROUDED PIN HEADER

M22-2200245 Datasheet (HTML) - Harwin Plc




Similar Part No. - M22-2200245

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-2010205 HARWIN-M22-2010205 Datasheet
61Kb / 1P
2.0mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
M22-2020205 HARWIN-M22-2020205 Datasheet
56Kb / 1P
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-2020246 HARWIN-M22-2020246 Datasheet
56Kb / 1P
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-2021205 HARWIN-M22-2021205 Datasheet
63Kb / 1P
PC104 PLUS CONNECTOR (STACKTHROUGH)
M22-2022005 HARWIN-M22-2022005 Datasheet
2Mb / 1P
M22 Connectors
More results


Similar Description - M22-2200245

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFAW200 YEONHO-YFAW200 Datasheet
251Kb / 1P
Pin Header : 2mm PITCH
YFW200 YEONHO-YFW200 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
logo
List of Unclassifed Man...
ULPSM ETC1-ULPSM Datasheet
97Kb / 1P
2mm Pin Header, Unshrouded, Ultra Low Profile, SMT
logo
Harwin Plc
M22-2510105 HARWIN-M22-2510105 Datasheet
83Kb / 1P
2mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
logo
Tyco Electronics
ENGCD104068N MACOM-ENGCD104068N Datasheet
173Kb / 1P
HEADER ASSEMBLY, VERTICAL SHROUDED
logo
Wurth Elektronik GmbH &...
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
1.25 SMT MALE VERTICAL SHROUDED HEADER
logo
Adam Technologies, Inc.
HSH-A-XX-SG-SMT-NP-BL ADAM-TECH-HSH-A-XX-SG-SMT-NP-BL Datasheet
86Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
HSH-XX-G-SMT ADAM-TECH-HSH-XX-G-SMT Datasheet
83Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
HSH-XX-WSG-SMT-NP-PP-TR ADAM-TECH-HSH-XX-WSG-SMT-NP-PP-TR Datasheet
88Kb / 1P
SHROUDED HEADER VERTICAL SMT TYPE
logo
Wurth Elektronik GmbH &...
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
WR-WTB Male Vertical Shrouded Header
2022-09-22
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com