Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-6360242 Datasheet (PDF) - Harwin Plc

M22-6360242 Datasheet PDF - Harwin Plc
Part # M22-6360242
Download  M22-6360242 Download

File Size   75.37 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2mm PITCH DIL SMT VERTICAL LOW PROFILE SOCKET ASSEMBLY

M22-6360242 Datasheet (PDF)

Go To PDF Page Download Datasheet
M22-6360242 Datasheet PDF - Harwin Plc

Part # M22-6360242
Download  M22-6360242 Click to download

File Size   75.37 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2mm PITCH DIL SMT VERTICAL LOW PROFILE SOCKET ASSEMBLY

M22-6360242 Datasheet (HTML) - Harwin Plc

M22-6360242 Datasheet HTML 1Page - Harwin Plc



Similar Part No. - M22-6360242

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-6360442 HARWIN-M22-6360442 Datasheet
71Kb / 1P
   2mm PITCH DIL SMT VERTICAL LOW PROFILE SOCKET ASSEMBLY
More results


Similar Description - M22-6360242

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-6360442 HARWIN-M22-6360442 Datasheet
71Kb / 1P
   2mm PITCH DIL SMT VERTICAL LOW PROFILE SOCKET ASSEMBLY
M50-3150342 HARWIN-M50-3150342 Datasheet
93Kb / 1P
   1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
M80-8870401 HARWIN-M80-8870401 Datasheet
120Kb / 1P
   DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
M80-8260406 HARWIN-M80-8260406 Datasheet
110Kb / 1P
   DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED
M80-6810401 HARWIN-M80-6810401 Datasheet
124Kb / 1P
   DATAMATE DIL VERTICAL SMT SOCKET ASSEMBLY
M80-6810401P HARWIN-M80-6810401P Datasheet
138Kb / 1P
   DATAMATE DIL VERTICAL SMT SOCKET ASSEMBLY
logo
List of Unclassifed Man...
M22-7140542 ETC2-M22-7140542 Datasheet
62Kb / 1P
   2.00mm PITCH DIL VERTICAL SOCKET ASSEMBLY
logo
Harwin Plc
M50-3150342R HARWIN-M50-3150342R Datasheet
169Kb / 2P
   1.27mm PITCH DIL SMT VERT LOW PROFILE SOCKET ASSY
M50-3600242R HARWIN-M50-3600242R Datasheet
166Kb / 2P
   1.27mm PITCH DIL SMT VERT LOW PROFILE SOCKET ASSY
M50-4302045 HARWIN-M50-4302045 Datasheet
69Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com