Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFE6VP61K25HR6 Datasheet (PDF) - NXP Semiconductors

MRFE6VP61K25HR6 Datasheet PDF - NXP Semiconductors
Part # MRFE6VP61K25HR6
Download  MRFE6VP61K25HR6 Download

File Size   972.77 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF Power LDMOS Transistors

MRFE6VP61K25HR6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFE6VP61K25HR6 Datasheet PDF - NXP Semiconductors

Part # MRFE6VP61K25HR6
Download  MRFE6VP61K25HR6 Click to download

File Size   972.77 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RF Power LDMOS Transistors

MRFE6VP61K25HR6 Datasheet (HTML) - NXP Semiconductors

Back Button MRFE6VP61K25HR6 Datasheet HTML 1Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 2Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 3Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 4Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 5Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 6Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 7Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 8Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 9Page - NXP Semiconductors MRFE6VP61K25HR6 Datasheet HTML 10Page - NXP Semiconductors Next Button 

MRFE6VP61K25HR6 Product details

RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs

These high ruggedness devices are designed for use in high VSWR industrial (including laser and plasma exciters), broadcast (analog and digital), aerospace and radio/land mobile applications. They are unmatched input and output designs allowing wide frequency range utilization, between 1.8 and 600 MHz.

• Typical Performance: VDD = 50 Volts, IDQ = 100 mA

Features
• Unmatched Input and Output Allowing Wide Frequency Range Utilization
• Device can be used Single--Ended or in a Push--Pull Configuration
• Qualified Up to a Maximum of 50 VDD Operation
• Characterized from 30 V to 50 V for Extended Power Range
• Suitable for Linear Application with Appropriate Biasing
• Integrated ESD Protection with Greater Negative Gate--Source Voltage Range
   for Improved Class C Operation
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• In Tape and Reel. R6 Suffix = 150 Units, 56 mm Tape Width, 13--inch Reel.
   R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.




Similar Part No. - MRFE6VP61K25HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6 Datasheet
932Kb / 13P
   RF Power Field Effect Transistors High Ruggedness N--Channel Enhancement--Mode
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6 Datasheet
1Mb / 21P
   RF Power LDMOS Transistors
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR6 FREESCALE-MRFE6VP61K25HR6_11 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
More results


Similar Description - MRFE6VP61K25HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com