Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1414806 Datasheet (PDF) - PHOENIX CONTACT

1414806 Datasheet PDF - PHOENIX CONTACT
Part # 1414806
Download  1414806 Download

File Size   115.49 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Our standard: robust halogen-free PUR cable

1414806 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414806 Datasheet PDF - PHOENIX CONTACT

Part # 1414806
Download  1414806 Click to download

File Size   115.49 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Our standard: robust halogen-free PUR cable

1414806 Datasheet (HTML) - PHOENIX CONTACT

1414806 Datasheet HTML 1Page - PHOENIX CONTACT 1414806 Datasheet HTML 2Page - PHOENIX CONTACT 1414806 Datasheet HTML 3Page - PHOENIX CONTACT 1414806 Datasheet HTML 4Page - PHOENIX CONTACT 1414806 Datasheet HTML 5Page - PHOENIX CONTACT



Similar Part No. - 1414806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414801 PHOENIX-1414801 Datasheet
584Kb / 18P
   SAC-5P- 5,0-PUR/M12FRK PE SH - Power cable
1414802 PHOENIX-1414802 Datasheet
117Kb / 5P
   High-performance: DC connectors for up to 16 A and 63 V DC
1414805 PHOENIX-1414805 Datasheet
579Kb / 18P
   SAC-5P- 5,0-PUR/M12FSK PE SH - Power cable
1414807 PHOENIX-1414807 Datasheet
552Kb / 18P
   SAC-5P- 5,0-280/M12FSL FE SH - Power cable
More results


Similar Description - 1414806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425082 PHOENIX-1425082 Datasheet
119Kb / 4P
   Our standard: robust halogen-free PUR cable
1424594 PHOENIX-1424594 Datasheet
103Kb / 4P
   Our standard: robust halogen-free PUR cable
1424604 PHOENIX-1424604 Datasheet
103Kb / 4P
   Our standard: robust halogen-free PUR cable
1414819 PHOENIX-1414819 Datasheet
116Kb / 5P
   Our standard: robust halogen-free PUR cable
1414895 PHOENIX-1414895 Datasheet
115Kb / 5P
   Our standard: robust halogen-free PUR cable
1425074 PHOENIX-1425074 Datasheet
107Kb / 4P
   Our standard: robust halogen-free PUR cable
1414858 PHOENIX-1414858 Datasheet
114Kb / 5P
   Our standard: robust halogen-free PUR cable
1425067 PHOENIX-1425067 Datasheet
107Kb / 4P
   Our standard: robust halogen-free PUR cable
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
   PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
   PUR, halogen free, UL 300 V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com