Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX34B Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BDX34B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BDX34B
Download  BDX34B Download

File Size   122.3 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Darlington Power Transistor

BDX34B Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX34B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BDX34B
Download  BDX34B Click to download

File Size   122.3 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Darlington Power Transistor

BDX34B Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

BDX34B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BDX34B Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

BDX34B Product details

DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS

..designed for general-purpose amplifier and low speed switching application*

FEATURES:
* Collector-Emitter Sustaining Voltage
   VCEO(sus) = 45 V (Min) -  BDX33.   BUX34
                      = 60 V(Min)-    BDX33A. BDX34A
                      = 80V (Min)-    BDX33B. BDX34B
                      = 100 V(Mln) - BDX33C. BOX34C
* Monolithic Construction wtth Built-in Base-Emitter Shunt Resistor




Similar Part No. - BDX34B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX34B MOSPEC-BDX34B Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Comset Semiconductor
BDX34B COMSET-BDX34B Datasheet
327Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Motorola, Inc
BDX34B MOTOROLA-BDX34B Datasheet
135Kb / 6P
   Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
BDX34B ONSEMI-BDX34B Datasheet
93Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2007 - Rev. 12
BDX34B ONSEMI-BDX34B Datasheet
135Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
More results


Similar Description - BDX34B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1100 NJSEMI-2SB1100 Datasheet
183Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1102 NJSEMI-2SB1102 Datasheet
186Kb / 2P
   Silicon PNP Darlington Power Transistor
BD650 NJSEMI-BD650 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX88 NJSEMI-BDX88 Datasheet
135Kb / 2P
   Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
   Silicon PNP Darlington Power Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com