Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW52 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BDW52 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BDW52
Download  BDW52 Download

File Size   136.04 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistor

BDW52 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDW52 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BDW52
Download  BDW52 Click to download

File Size   136.04 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistor

BDW52 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

BDW52 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BDW52 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.

BDW52 Product details

DESCRIPTION
• Collector Current -lc= -15A
• Collector-Emitter Sustaining Voltage-
   : VCEO(sus) = -45V(Min)- BDW52; -60V(Min)- BDW52A
                           -80V(Min)- BDW52B;.-100V(Min)- BDW52C
• Complement to Type BDW51/A/B/C

APPLICATIONS
• Designed for use in power linear and switching applications.




Similar Part No. - BDW52

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDW52 SEME-LAB-BDW52 Datasheet
11Kb / 1P
   Bipolar PNP Device
logo
Central Semiconductor C...
BDW52 CENTRAL-BDW52 Datasheet
53Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
BDW52 ISC-BDW52 Datasheet
230Kb / 2P
   isc Silicon PNP Power Transistor
logo
Seme LAB
BDW52A SEME-LAB-BDW52A Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Central Semiconductor C...
BDW52A CENTRAL-BDW52A Datasheet
53Kb / 1P
   Power Transistors
More results


Similar Description - BDW52

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com