Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1585278 Datasheet (PDF) - PHOENIX CONTACT

1585278 Datasheet PDF - PHOENIX CONTACT
Part # 1585278
Download  1585278 Download

File Size   78.86 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Contact insert, number of positions: 4PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm짼 ... 1.5 mm짼

1585278 Datasheet (PDF)

Go To PDF Page Download Datasheet
1585278 Datasheet PDF - PHOENIX CONTACT

Part # 1585278
Download  1585278 Click to download

File Size   78.86 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Contact insert, number of positions: 4PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm짼 ... 1.5 mm짼

1585278 Datasheet (HTML) - PHOENIX CONTACT

1585278 Datasheet HTML 1Page - PHOENIX CONTACT 1585278 Datasheet HTML 2Page - PHOENIX CONTACT 1585278 Datasheet HTML 3Page - PHOENIX CONTACT



Similar Part No. - 1585278

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
15852082601000 HARTING-15852082601000 Datasheet
686Kb / 3P
   har-flex Hybrid F ang 28 SMT PL1 400pcs
15852082601333 HARTING-15852082601333 Datasheet
686Kb / 3P
   har-flex Hybrid F ang 28 SMT PL1 Sample
15852082701000 HARTING-15852082701000 Datasheet
682Kb / 3P
   har-flex Hybrid F ang 28 THR PL1 400pcs
15852082701333 HARTING-15852082701333 Datasheet
682Kb / 3P
   har-flex Hybrid F ang 28 THR PL1 Sample
logo
PHOENIX CONTACT
1585210 PHOENIX-1585210 Datasheet
93Kb / 4P
   Contact insert - HC-A03-I-UT-M
More results


Similar Description - 1585278

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1585281 PHOENIX-1585281 Datasheet
77Kb / 3P
   Contact insert, number of positions: 4PE, size: D7, number of connections per position: 1, Socket, Push-in connection, 230 V, 10 A, 0.14 mm짼 ... 1.5 mm짼
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
   Connection honeycomb, Connection type: Screw mounting, Number of positions
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
   Connector housing, Number of positions: 1, Color: gray
logo
Weidmuller
1010100000 WEIDMULLER-1010100000 Datasheet
547Kb / 10P
   PE terminal, Screw connection, 4 mm짼, 480 A (4 mm짼), Green/yellow
October 4, 2021
2490590000 WEIDMULLER-2490590000 Datasheet
543Kb / 30P
   PE terminal, PUSH IN, 10 mm짼, 1000 V, Green/ yellow
October 18, 2021
logo
PHOENIX CONTACT
2709655 PHOENIX-2709655 Datasheet
149Kb / 10P
   Low design width with a high number of positions
2907431 PHOENIX-2907431 Datasheet
71Kb / 5P
   Low design width with a high number of positions
2757157 PHOENIX-2757157 Datasheet
120Kb / 5P
   Increased number of positions thanks to optional UEGM-MT FS slip-on connections
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
   PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
logo
C&K Components
KXT3 CK-COMPONENTS-KXT3 Datasheet
216Kb / 2P
   High number of cycle
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com