Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6676AS Datasheet (PDF) - Fairchild Semiconductor

FDS6676AS Datasheet PDF - Fairchild Semiconductor
Part No. FDS6676AS
Download  FDS6676AS Click to view

File Size   542.88 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench SyncFET

FDS6676AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6676AS Datasheet PDF - Fairchild Semiconductor

Part No. FDS6676AS
Download  FDS6676AS Click to view

File Size   542.88 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench SyncFET

FDS6676AS Datasheet (HTML) - Fairchild Semiconductor

FDS6676AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 8Page - Fairchild Semiconductor

FDS6676AS Product details

General Description
The FDS6676AS is designed to replace a single SO-8 MOSFET and Schottky diode in synchronous DC:DC power supplies. This 30V MOSFET is designed to maximize power conversion efficiency, providing a low RDS(ON)and low gate charge. The FDS6676AS includes an integrated Schottky diode using Fairchild’s monolithic SyncFET technology.

Features
• 14.5 A, 30 V.
    RDS(ON) max= 6.0 mΩ @ VGS = 10 V
    RDS(ON) max= 7.25 mΩ @ VGS = 4.5 V
• Includes SyncFET Schottky body diode
• Low gate charge (45nC typical)
• High performance trench technology for extremely low RDS(ON)and fast switching
• High power and current handling capability
• RoHS Compliant



Similar Part No. - FDS6676AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6676AS FAIRCHILD-FDS6676AS Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_NL FAIRCHILD-FDS6676AS_NL Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
More results

Similar Description - FDS6676AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS7064SN3 FAIRCHILD-FDS7064SN3 Datasheet
195Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDB6670S FAIRCHILD-FDB6670S Datasheet
93Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6689S FAIRCHILD-FDS6689S Datasheet
120Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6688S FAIRCHILD-FDD6688S Datasheet
181Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Datasheet Page

1  2  3  4  5  6  7  8 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz