Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3280M Datasheet (PDF) - ATMEL Corporation

U3280M Datasheet PDF - ATMEL Corporation
Part # U3280M
Download  U3280M Download

File Size   275.8 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description TRANSPONDER INTERFACE FOR MICROCONTROLLER

U3280M Datasheet (PDF)

Go To PDF Page Download Datasheet
U3280M Datasheet PDF - ATMEL Corporation

Part # U3280M
Download  U3280M Click to download

File Size   275.8 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description TRANSPONDER INTERFACE FOR MICROCONTROLLER

U3280M Datasheet (HTML) - ATMEL Corporation

Back Button U3280M Datasheet HTML 1Page - ATMEL Corporation U3280M Datasheet HTML 2Page - ATMEL Corporation U3280M Datasheet HTML 3Page - ATMEL Corporation U3280M Datasheet HTML 4Page - ATMEL Corporation U3280M Datasheet HTML 5Page - ATMEL Corporation U3280M Datasheet HTML 6Page - ATMEL Corporation U3280M Datasheet HTML 7Page - ATMEL Corporation U3280M Datasheet HTML 8Page - ATMEL Corporation U3280M Datasheet HTML 9Page - ATMEL Corporation U3280M Datasheet HTML 10Page - ATMEL Corporation Next Button 

U3280M Product details

Description

The U3280M is a transponder interface for use in contactless ID systems, remote control systems, tag and sensor applications. It supplies the microcontroller with power from an RF field via an LC-resonant circuit and it enables contactless bi-directional data communication via this RF field. It includes power management that handles switching between the magnetic field and a battery power supply. To store permanent data like an identifier code and configuration data, the U3280M includes a 512-bit EEPROM with a serial interface.



Features

• Contactless Power Supply and Communication Interface

• Up to 10 kbaud Data Rate (R/O)

• Power Management for Contactless and Battery Power Supply

• Frequency Range 100 kHz to 150 kHz

• 32 x 16-bit EEPROM

• Two-wire Serial Interface

• Shift Register Supported Bi-phase and Manchester Modulator Stage

• Reset I/O Line

• Field Clock Extractor

• Field and Gap Detection Output for Wake-up and Data Reception

• Field Modulator with Energy-saving Damping Stage



Applications

• Main Areas

   – Access Control

   – Telemetry

   – Wireless Sensors

• Examples:

   – Wireless Passive Access and Active Alarm Control for Protection of Valuables

   – Contactless Position Sensors for Alignments of Machines

   – Contactless Status Verification and/or Data Readout from Sensors



 




Similar Part No. - U3280M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M-NFBG3Y ATMEL-U3280M-NFBG3Y Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M-NFBY ATMEL-U3280M-NFBY Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
More results


Similar Description - U3280M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com