Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE924 Datasheet (PDF) - NTE Electronics

NTE924 Datasheet PDF - NTE Electronics
Part # NTE924
Download  NTE924 Download

File Size   24.66 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Voltage Follower, Operational Amplifier

NTE924 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE924 Datasheet PDF - NTE Electronics

Part # NTE924
Download  NTE924 Click to download

File Size   24.66 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Voltage Follower, Operational Amplifier

NTE924 Datasheet (HTML) - NTE Electronics

NTE924 Datasheet HTML 1Page - NTE Electronics NTE924 Datasheet HTML 2Page - NTE Electronics NTE924 Datasheet HTML 3Page - NTE Electronics

NTE924 Product details

Description:

The NTE924 and NTE924M are monolithic operational amplifiers internally connected as unity–gain non–inverting amplifiers. These devices use super–gain transistors in the input stage to get low bias current without sacrificing speed. Directly interchangeable with the NTE909 and NTE941 series in voltage follower applications, these devices have internal frequency compensation and provision for offset balancing.



Features:

 Available in 8–Lead DIP (NTE924M) and 8–Lead Metal Can (NTE924) Packages

 Input Current: 10nA Max Over Temperature

 Small Signal Bandwidth: 20MHz

 Slew Rate: 30V/µs

 Supply Voltage Range: ±5V to ±18V




Similar Part No. - NTE924

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE92 NTE-NTE92 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
logo
List of Unclassifed Man...
NTE9200 ETC1-NTE9200 Datasheet
32Kb / 1P
   MISCELLAMEOUS INTEGRATED CIRCUITS
logo
NTE Electronics
NTE922 NTE-NTE922 Datasheet
30Kb / 4P
   Integrated Circuit Voltage Comparator
NTE922M NTE-NTE922M Datasheet
30Kb / 4P
   Integrated Circuit Voltage Comparator
NTE922SM NTE-NTE922SM Datasheet
30Kb / 4P
   Integrated Circuit Voltage Comparator
More results


Similar Description - NTE924

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE903 NTE-NTE903 Datasheet
25Kb / 2P
   Integrated Circuit Operational Amplifier
NTE941S NTE-NTE941S Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE975 NTE-NTE975 Datasheet
26Kb / 4P
   Integrated Circuit Operational Amplifier
NTE976 NTE-NTE976 Datasheet
23Kb / 2P
   Integrated Circuit Operational Amplifier
NTE997 NTE-NTE997 Datasheet
24Kb / 3P
   Integrated Circuit Quad Operational Amplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com