Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2028A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2028A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2028A
Download  TA2028A Download

File Size   431.88 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1227.6 MHz

TA2028A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2028A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2028A
Download  TA2028A Click to download

File Size   431.88 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1227.6 MHz

TA2028A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA2028A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2028A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2028A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2028A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2028A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2028A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2028A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA2028A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TA202812 POWEREX-TA202812 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202814 POWEREX-TA202814 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
logo
Toshiba Semiconductor
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028P TOSHIBA-TA2028P Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Similar Description - TA2028A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1819A TAI-SAW-TA1819A Datasheet
290Kb / 6P
   SAW Filter 1227.6 MHz
logo
TriQuint Semiconductor
857141 TRIQUINT-857141_15 Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1184A TAI-SAW-TA1184A Datasheet
377Kb / 6P
   SAW Filter 1227.6 MHz
logo
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
   1227.6 MHz SAW Filter
857142 TRIQUINT-857142_15 Datasheet
366Kb / 6P
   1227.6 MHz SAW Filter
880372 TRIQUINT-880372_15 Datasheet
168Kb / 5P
   1227.6 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2598A TAI-SAW-TA2598A Datasheet
763Kb / 8P
   SAW Filter 1227.6 MHz BW 20 MHz SMD 2.0x1.6 mm
logo
TriQuint Semiconductor
880060 TRIQUINT-880060_15 Datasheet
235Kb / 6P
   1227.6 MHz GPS L2 BAW Filter
logo
Qorvo, Inc
880060 QORVO-880060 Datasheet
235Kb / 6P
   1227.6 MHz GPS L2 BAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com