Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW2868 Datasheet (PDF) - Intersil Corporation

TW2868 Datasheet PDF - Intersil Corporation
Part # TW2868
Download  TW2868 Download

File Size   160.71 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications

TW2868 Datasheet (PDF)

Go To PDF Page Download Datasheet
TW2868 Datasheet PDF - Intersil Corporation

Part # TW2868
Download  TW2868 Click to download

File Size   160.71 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications

TW2868 Datasheet (HTML) - Intersil Corporation

TW2868 Datasheet HTML 1Page - Intersil Corporation TW2868 Datasheet HTML 2Page - Intersil Corporation TW2868 Datasheet HTML 3Page - Intersil Corporation

TW2868 Product details

Introduction
The TW2868 includes eight high quality
NTSC/PAL/SECAM video decoders that convert
analog composite video signal to digital
component YCbCr data for security application.
Each channel contains 10 bit ADC and proprietary
clamp and gain controllers and utilizes 4H comb
filter for separating luminance & chrominance to
reduce cross noise artifacts. The TW2868 adopts
the image enhancement techniques, such as IF
compensation filter, CTI and programmable
peaking. TW2868 also includes one NTSC/PAL
video encoder with two 10 bit DAC’s to support
CVBS and YC output. The TW2868 also includes
audio CODEC, which has ten audio Analog-toDigital converter processing and one Digital-toAnalog converter. A built-in audio controller can
generate digital outputs for recording/mixing and
accepts digital input for playback.

Features
 Accepts all NTSC(M/4.43) /
PAL(B/D/G/H/I/K/L/M/N/60)/SECAM
standards with auto detection
 Integrated eight video analog anti-aliasing
filters and 10 bit CMOS ADCs
 High performance adaptive 4H comb filters for
all NTSC/PAL standards
 IF compensation filter for improvement of color
demodulation
 Color Transient Improvement (CTI)
 Automatic white peak control
 Programmable hue, saturation, contrast,
brightness and sharpness
 Proprietary fast video locking system
 Supports ITU-R BT.656 type time multiplexed
output with 54/108MHz
 Provides simultaneous 2x four channel Full D1
with 108MHz and 2x CIF with 54MHz by timemultiplexed output format
 Integrated ten audio ADC processing and one
audio DAC
 Provides multi-channel audio mixed analog
output
 Supports I2S/DSP Master/Slave interface for
record output and playback input
 PCM 8/16 bit and u-Law/A-Law 8bit for audio
word length
 Programmable audio sample rate that covers
popular frequencies of 8/16/32/44.1/48kHz
 Supports a two-wire serial host interface
 Integrated one video encoder and two10bit
video CMOS DACs.
 Integrated clock PLL for 108MHz clock output.
 Ultra low power consumption (Typical
867.36mW)
 128 pin LQFP package



Similar Part No. - TW2868

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW2868 RENESAS-TW2868 Datasheet
5Mb / 199P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
May 22, 2013
TW2868-LA2CR RENESAS-TW2868-LA2CR Datasheet
5Mb / 199P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
May 22, 2013
More results


Similar Description - TW2868

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW2868 RENESAS-TW2868 Datasheet
5Mb / 199P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
May 22, 2013
TW2866 RENESAS-TW2866 Datasheet
122Kb / 2P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
TW2866C RENESAS-TW2866C Datasheet
5Mb / 143P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
February 3, 2012
TW2865 RENESAS-TW2865 Datasheet
5Mb / 151P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
Aug 1, 2017
TW2815 RENESAS-TW2815 Datasheet
2Mb / 82P
   4-Channel Video Decoders and Audio Codecs for Security Applications
May 19, 2017
TW2864 RENESAS-TW2864 Datasheet
3Mb / 110P
   4-Channel Video Decoders and Audio Codecs For Security Applications
September 28, 2012
TW2867C RENESAS-TW2867C Datasheet
4Mb / 138P
   4-Channel Video Decoders and Audio Codecs For Security Applications
February 9, 2012
TW2867 RENESAS-TW2867 Datasheet
197Kb / 2P
   4-Channel Video Decoders and Audio Codecs for Security Applications
logo
List of Unclassifed Man...
TW2815 ETC1-TW2815 Datasheet
98Kb / 2P
   4 Channel Video Decoders and Audio Codecs For Security Applications Pin to pin compatible
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
   4-Channel 720H Video Decoders and Audio Codecs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com