Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-M14L-P Datasheet (PDF) - TDK Electronics

CXA-M14L-P Datasheet PDF - TDK Electronics
Part # CXA-M14L-P
Download  CXA-M14L-P Download

File Size   43.18 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs

CXA-M14L-P Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA-M14L-P Datasheet PDF - TDK Electronics

Part # CXA-M14L-P
Download  CXA-M14L-P Click to download

File Size   43.18 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs

CXA-M14L-P Datasheet (HTML) - TDK Electronics

CXA-M14L-P Datasheet HTML 1Page - TDK Electronics CXA-M14L-P Datasheet HTML 2Page - TDK Electronics



Similar Part No. - CXA-M14L-P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-M10A-L TDK-CXA-M10A-L Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
logo
Power Systems GmbH+Co.K...
CXA-M10A-L POWER-SYSTEMS-CXA-M10A-L Datasheet
128Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
logo
TDK Electronics
CXA-M10L-L TDK-CXA-M10L-L Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
logo
Power Systems GmbH+Co.K...
CXA-M10L-L POWER-SYSTEMS-CXA-M10L-L Datasheet
132Kb / 4P
   DC-AC INVERTER UNIT 6W SINGLE & DUAL OUTPUTS, PCB MOUNTABLE
logo
TDK Electronics
CXA-M10M-L TDK-CXA-M10M-L Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
More results


Similar Description - CXA-M14L-P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
   Connector type, Dimming, 7W, For 2 bulbs
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
CXA-M1112-VJ TDK-CXA-M1112-VJ Datasheet
65Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, For 2 Bulbs
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
CXA-M1212-RJL TDK-CXA-M1212-RJL Datasheet
74Kb / 2P
   DC to AC Inverters Connector type, Dimming, 5W, For 2 Bulbs
CXA-L0505-NJL TDK-CXA-L0505-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
CXA-L0524-NJL TDK-CXA-L0524-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
CXA-L0512-NJL TDK-CXA-L0512-NJL Datasheet
184Kb / 2P
   Non-dimming/Connector Type
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com