Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1065 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1065 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1065
Download  MM1065 Download

File Size   98.5 Kbytes
Page   5 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin

MM1065 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1065 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1065
Download  MM1065 Click to download

File Size   98.5 Kbytes
Page   5 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin

MM1065 Datasheet (HTML) - Mitsumi Electronics, Corp.

MM1065 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1065 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1065 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1065 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1065 Datasheet HTML 5Page - Mitsumi Electronics, Corp.

MM1065 Product details

Outline

These ICs are stabilized power supply devices with ultra-low consumption currents, designed for a greatly reduced reactive current at low input voltages, and with a small input/output difference voltage of 0.2V at an output current of 40mA. The output current is limited to a maximum of 100mA, and in the MMP-4A package, an on/off pin enables the device to be switched on and off.



Features

1. Input/output voltage difference                        0.2V typ. (IO=40mA)

2. No-load input current                                    13µA typ.

3. Maximum reactive current at low input voltages   15µA typ. (no-load)

4. Maximum output current                                 100mA max.

5. Temperature coefficient of output voltage            ±0.01%/°C typ.



6. Output voltage ranks MM1065, 1165 F : 6.0V±4%

                                                    G : 5.0V±4%

                                                    H : 4.5V±4%

                                                    I : 4.0V±4%

                                                    J : 3.0V±4%

                                                    Z : 3.3V±4%

7. With overcurrent protection circuit

8. With thermal shutdown circuit

9. With function to turn output on and off (MMP-4A package only)



Applications

1. Handheld computers

2. Portable transceivers

3. Cordless phones

4. Other portable equipment which uses batteries



 




Similar Part No. - MM1065

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM106 WEITRON-MM106 Datasheet
161Kb / 3P
   Surface Mount Schottky Diodes
MM106 WEITRON-MM106 Datasheet
209Kb / 3P
   Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
   No-adjustment Sync Separator Sync Detector
MM1068 MITSUMI-MM1068 Datasheet
138Kb / 5P
   No-adjustment Sync Separator Monolithic IC
MM1068XS MITSUMI-MM1068XS Datasheet
138Kb / 5P
   No-adjustment Sync Separator Monolithic IC
More results


Similar Description - MM1065

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1215 MITSUMI-MM1215 Datasheet
103Kb / 5P
   Low-Saturation Three-Pin Regulators with Externally Mounted Power Transistor
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
logo
EM Microelectronic - MA...
V6300 EMMICRO-V6300 Datasheet
346Kb / 6P
   Ultra Low Power 3-Pin Power-On Reset IC
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com