Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ74LV174 Datasheet (PDF) - Integral Corp.

IZ74LV174 Datasheet PDF - Integral Corp.
Part # IZ74LV174
Download  IZ74LV174 Download

File Size   50.38 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Hex D-type flip-flop with reset; positive edge-trigger

IZ74LV174 Datasheet (PDF)

Go To PDF Page Download Datasheet
IZ74LV174 Datasheet PDF - Integral Corp.

Part # IZ74LV174
Download  IZ74LV174 Click to download

File Size   50.38 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Hex D-type flip-flop with reset; positive edge-trigger

IZ74LV174 Datasheet (HTML) - Integral Corp.

IZ74LV174 Datasheet HTML 1Page - Integral Corp. IZ74LV174 Datasheet HTML 2Page - Integral Corp. IZ74LV174 Datasheet HTML 3Page - Integral Corp. IZ74LV174 Datasheet HTML 4Page - Integral Corp. IZ74LV174 Datasheet HTML 5Page - Integral Corp. IZ74LV174 Datasheet HTML 6Page - Integral Corp.

IZ74LV174 Product details

The 74LV174 is a low–voltage Si–gate CMOS device and is pin and function compatible with the 74HC/HCT174.
The device is useful for applications requiring true outputs only and clock and master reset inputs that are common to all storage elements.

• Output voltage levels are compatible with input levels of CMOS, NMOS and TTL ICS
• Supply voltage range: 1.2 to 5.5 V
• Low input current: 1.0 mÀ; 0.1 mÀ at Ò = 25 °Ñ
• Output current: 6 mA at Vcc = 3.0 V; 12 mA at Vcc = 4.5 V
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - IZ74LV174

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74LV14 INTEGRAL-IZ74LV14 Datasheet
145Kb / 6P
   HEX SCHMITT-TRIGGER INVERTER
IZ74LV164 INTEGRAL-IZ74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Similar Description - IZ74LV174

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com