Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLBT3535HPF-YDXXXX Datasheet (PDF) - P-tec Corporation

PLBT3535HPF-YDXXXX Datasheet PDF - P-tec Corporation
Part # PLBT3535HPF-YDXXXX
Download  PLBT3535HPF-YDXXXX Download

File Size   2745.8 Kbytes
Page   17 Pages
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation
Description ESD 8KV (HGM: MIL-STD883 Class 3B)

PLBT3535HPF-YDXXXX Datasheet (PDF)

Go To PDF Page Download Datasheet
PLBT3535HPF-YDXXXX Datasheet PDF - P-tec Corporation

Part # PLBT3535HPF-YDXXXX
Download  PLBT3535HPF-YDXXXX Click to download

File Size   2745.8 Kbytes
Page   17 Pages
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation
Description ESD 8KV (HGM: MIL-STD883 Class 3B)

PLBT3535HPF-YDXXXX Datasheet (HTML) - P-tec Corporation

Back Button PLBT3535HPF-YDXXXX Datasheet HTML 1Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 2Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 3Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 4Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 5Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 6Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 7Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 8Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 9Page - P-tec Corporation PLBT3535HPF-YDXXXX Datasheet HTML 10Page - P-tec Corporation Next Button 



Similar Part No. - PLBT3535HPF-YDXXXX

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT3535HPC-WCB17 P-TEC-PLBT3535HPC-WCB17 Datasheet
2Mb / 15P
   MSL2 qualified according to J-STD 020
PLBT3535HPC-WCB47 P-TEC-PLBT3535HPC-WCB47 Datasheet
2Mb / 15P
   MSL2 qualified according to J-STD 020
PLBT3535HPC-WCG77 P-TEC-PLBT3535HPC-WCG77 Datasheet
2Mb / 15P
   MSL2 qualified according to J-STD 020
PLBT3535HPC-WCR27 P-TEC-PLBT3535HPC-WCR27 Datasheet
2Mb / 15P
   MSL2 qualified according to J-STD 020
PLBT3535HPC-WCR77 P-TEC-PLBT3535HPC-WCR77 Datasheet
2Mb / 15P
   MSL2 qualified according to J-STD 020
More results


Similar Description - PLBT3535HPF-YDXXXX

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
   IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
   IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Guangdong Youtai Semico...
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
   3B Series 16 Channel Backplane
REV. 0
3B02 AD-3B02_15 Datasheet
155Kb / 6P
   3B Series 8 Channel Backplane
REV. 0
logo
PHOENIX CONTACT
3213976 PHOENIX-3213976 Datasheet
55Kb / 3P
   End cover - D-PTI/3B
09/11/2020
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com