Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6291 Datasheet (PDF) - First Silicon Co., Ltd

1N6291 Datasheet PDF - First Silicon Co., Ltd
Part # 1N6291
Download  1N6291 Download

File Size   702.13 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V

1N6291 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6291 Datasheet PDF - First Silicon Co., Ltd

Part # 1N6291
Download  1N6291 Click to download

File Size   702.13 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V

1N6291 Datasheet (HTML) - First Silicon Co., Ltd

1N6291 Datasheet HTML 1Page - First Silicon Co., Ltd 1N6291 Datasheet HTML 2Page - First Silicon Co., Ltd 1N6291 Datasheet HTML 3Page - First Silicon Co., Ltd 1N6291 Datasheet HTML 4Page - First Silicon Co., Ltd 1N6291 Datasheet HTML 5Page - First Silicon Co., Ltd 1N6291 Datasheet HTML 6Page - First Silicon Co., Ltd



Similar Part No. - 1N6291

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6291 TRSYS-1N6291 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6291 VISHAY-1N6291 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
1N6291 LUGUANG-1N6291 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6291 DCCOM-1N6291 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6291 CHONGQING-1N6291 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 1N6291

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com