Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEP210FA Datasheet (PDF) - ON Semiconductor

MC100LVEP210FA Datasheet PDF - ON Semiconductor
Part # MC100LVEP210FA
Download  MC100LVEP210FA Download

File Size   135.26 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver

MC100LVEP210FA Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100LVEP210FA Datasheet PDF - ON Semiconductor

Part # MC100LVEP210FA
Download  MC100LVEP210FA Click to download

File Size   135.26 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver

MC100LVEP210FA Datasheet (HTML) - ON Semiconductor

MC100LVEP210FA Datasheet HTML 1Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 2Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 3Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 4Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 5Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 6Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 7Page - ON Semiconductor MC100LVEP210FA Datasheet HTML 8Page - ON Semiconductor

MC100LVEP210FA Product details

Description
The MC100LVEP210 is a low skew 1−to−5 dual differential driver, designed with clock distribution in mind. The ECL/PECL input signals can be either differential or single−ended if the VBB output is used. The signal is fanned out to 5 identical differential outputs. HSTL inputs can be used when the EP210 is operating in PECL mode.
The LVEP210 specifically guarantees low output−to−output skew. Optimal design, layout, and processing minimize skew within a device and from device to device.

Features
• 85 ps Typical Device−to−Device Skew
• 20 ps Typical Output−to−Output Skew
• VBB Output
• Jitter Less than 1 ps RMS
• 350 ps Typical Propagation Delay
• Maximum Frequency  3 GHz Typical
• The 100 Series Contains Temperature Compensation
• PECL and HSTL Mode Operating Range: VCC = 2.375 V to 3.8 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −2.375 V to −3.8 V
• Open Input Default State
• LVDS Input Compatible
• Fully Compatible with MC100EP210
• Pb−Free Packages are Available*




Similar Part No. - MC100LVEP210FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP210FA ONSEMI-MC100LVEP210FA Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210FAG ONSEMI-MC100LVEP210FAG Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210FAG ONSEMI-MC100LVEP210FAG Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100LVEP210FAR2 ONSEMI-MC100LVEP210FAR2 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210FARG ONSEMI-MC100LVEP210FARG Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
More results


Similar Description - MC100LVEP210FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Maxim Integrated Produc...
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com