Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F8100 Datasheet (PDF) - Macronix International

MX29F8100 Datasheet PDF - Macronix International
Part # MX29F8100
Download  MX29F8100 Download

File Size   225.21 Kbytes
Page   37 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY

MX29F8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX29F8100 Datasheet PDF - Macronix International

Part # MX29F8100
Download  MX29F8100 Click to download

File Size   225.21 Kbytes
Page   37 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY

MX29F8100 Datasheet (HTML) - Macronix International

Back Button MX29F8100 Datasheet HTML 1Page - Macronix International MX29F8100 Datasheet HTML 2Page - Macronix International MX29F8100 Datasheet HTML 3Page - Macronix International MX29F8100 Datasheet HTML 4Page - Macronix International MX29F8100 Datasheet HTML 5Page - Macronix International MX29F8100 Datasheet HTML 6Page - Macronix International MX29F8100 Datasheet HTML 7Page - Macronix International MX29F8100 Datasheet HTML 8Page - Macronix International MX29F8100 Datasheet HTML 9Page - Macronix International MX29F8100 Datasheet HTML 10Page - Macronix International Next Button 

MX29F8100 Product details

GENERAL DESCRIPTION
The MX29F8100 is a 8-mega bit Flash memory organized as either 512K wordx16 or 1M bytex8. The MX29F8100 includes 8-128KB(131,072) blocks or 8-64KW(65,536) blocks. MXICs Flash memories offer the most costeffective and reliable read/write non-volatile random access memory. The MX29F8100 is packaged in 48-pin TSOP or 44-pin SOP.

FEATURES
• 5V ± 10% write and erase
• JEDEC-standard EEPROM commands
• Endurance : 10,000 cycles
• Fast access time: 120/150ns
• Sector erase architecture
    - 8 equal sectors of 128k bytes each
    - Sector erase time: 50ms typical
• Auto Erase and Auto Program Algorithms
    - Automatically erases any one of the sectors or the whole chip with Erase Suspend capability
    - Automatically programs and verifies data at specified addresses
• Status Register feature for detection of program or erase cycle completion
• Low VCC write inhibit < 3.2V
• Software and hardware data protection
• Page program operation
    - Internal address and data latches for 128 bytes/64 words per page
    - Page programming time: 3ms typical
    - Byte programming time: 24us in average
• Low power dissipation
    - 50mA active current
    - 100uA standby current
• CMOS and TTL compatible inputs and outputs
• Two independently Protected sectors
• Deep Power-Down Current
    - 1uA ICC typical
• Industry standard surface mount packaging
    - 48 lead TSOP, TYPE I
    - 44 lead SOP




Similar Part No. - MX29F8100

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800B MCNIX-MX29F800B Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29F800BMC-12 MCNIX-MX29F800BMC-12 Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29F800BMC-70 MCNIX-MX29F800BMC-70 Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29F800BMC-90 MCNIX-MX29F800BMC-90 Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29F800BTA-12 MCNIX-MX29F800BTA-12 Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
More results


Similar Description - MX29F8100

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
Macronix International
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sharp Corporation
LHF80V03 SHARP-LHF80V03 Datasheet
1Mb / 43P
   Flash Memory 8M (1M x 8/512K x 160
LHF80V13 SHARP-LHF80V13 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞8/512K x 16)
logo
Fujitsu Component Limit...
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
   8M (1M X 8/512K X 16) BIT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com