Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6025JNZ Datasheet (PDF) - Rohm

R6025JNZ Datasheet PDF - Rohm
Part # R6025JNZ
Download  R6025JNZ Download

File Size   2695.62 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 25A Power MOSFET

R6025JNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
R6025JNZ Datasheet PDF - Rohm

Part # R6025JNZ
Download  R6025JNZ Click to download

File Size   2695.62 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 25A Power MOSFET

R6025JNZ Datasheet (HTML) - Rohm

Back Button R6025JNZ Datasheet HTML 1Page - Rohm R6025JNZ Datasheet HTML 2Page - Rohm R6025JNZ Datasheet HTML 3Page - Rohm R6025JNZ Datasheet HTML 4Page - Rohm R6025JNZ Datasheet HTML 5Page - Rohm R6025JNZ Datasheet HTML 6Page - Rohm R6025JNZ Datasheet HTML 7Page - Rohm R6025JNZ Datasheet HTML 8Page - Rohm R6025JNZ Datasheet HTML 9Page - Rohm R6025JNZ Datasheet HTML 10Page - Rohm Next Button 

R6025JNZ Product details

Features
1) Fast reverse recovery time (trr)
2) Low on-resistance
3) Fast switching speed
4) Drive circuits can be simple
5) Pb-free plating ; RoHS compliant

Application
   Switching




Similar Part No. - R6025JNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6025JNZ4 ROHM-R6025JNZ4 Datasheet
2Mb / 15P
   Nch 600V 25A Power MOSFET
More results


Similar Description - R6025JNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6025FNZ ROHM-R6025FNZ Datasheet
925Kb / 14P
   Nch 600V 25A Power MOSFET
R6025JNZ4 ROHM-R6025JNZ4 Datasheet
2Mb / 15P
   Nch 600V 25A Power MOSFET
R6025JNX ROHM-R6025JNX Datasheet
2Mb / 15P
   Nch 600V 25A Power MOSFET
R6025FNZ1 ROHM-R6025FNZ1 Datasheet
1,003Kb / 14P
   Nch 600V 25A Power MOSFET
RH6R025BH ROHM-RH6R025BH Datasheet
2Mb / 13P
   Nch 150V 25A Power MOSFET
20220823 - Rev.002
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6076MNZ1 ROHM-R6076MNZ1 Datasheet
2Mb / 14P
   Nch 600V 76A Power MOSFET
R6010MND3 ROHM-R6010MND3 Datasheet
2Mb / 14P
   Nch 600V 10A Power MOSFET
R6004JND3 ROHM-R6004JND3 Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
R6004JNJ ROHM-R6004JNJ Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com