Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6030JNZ Datasheet (PDF) - Rohm

R6030JNZ Datasheet PDF - Rohm
Part # R6030JNZ
Download  R6030JNZ Download

File Size   2657.43 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 30A Power MOSFET

R6030JNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
R6030JNZ Datasheet PDF - Rohm

Part # R6030JNZ
Download  R6030JNZ Click to download

File Size   2657.43 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 30A Power MOSFET

R6030JNZ Datasheet (HTML) - Rohm

Back Button R6030JNZ Datasheet HTML 1Page - Rohm R6030JNZ Datasheet HTML 2Page - Rohm R6030JNZ Datasheet HTML 3Page - Rohm R6030JNZ Datasheet HTML 4Page - Rohm R6030JNZ Datasheet HTML 5Page - Rohm R6030JNZ Datasheet HTML 6Page - Rohm R6030JNZ Datasheet HTML 7Page - Rohm R6030JNZ Datasheet HTML 8Page - Rohm R6030JNZ Datasheet HTML 9Page - Rohm R6030JNZ Datasheet HTML 10Page - Rohm Next Button 

R6030JNZ Product details

Features
1) Fast reverse recovery time (trr)
2) Low on-resistance
3) Fast switching speed
4) Drive circuits can be simple
5) Pb-free plating ; RoHS compliant

Application
   Switching applications




Similar Part No. - R6030JNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6030JNZ4 ROHM-R6030JNZ4 Datasheet
2Mb / 15P
   Nch 600V 30A Power MOSFET
More results


Similar Description - R6030JNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6030MNX ROHM-R6030MNX Datasheet
2Mb / 14P
   Nch 600V 30A Power MOSFET
R6030ENZ4 ROHM-R6030ENZ4 Datasheet
2Mb / 15P
   Nch 600V 30A Power MOSFET
R6030ENZ1 ROHM-R6030ENZ1 Datasheet
917Kb / 13P
   Nch 600V 30A Power MOSFET
R6030KNZ ROHM-R6030KNZ Datasheet
2Mb / 14P
   Nch 600V 30A Power MOSFET
R6030KNX ROHM-R6030KNX Datasheet
2Mb / 15P
   Nch 600V 30A Power MOSFET
R6030JNZ4 ROHM-R6030JNZ4 Datasheet
2Mb / 15P
   Nch 600V 30A Power MOSFET
R6030ENX ROHM-R6030ENX Datasheet
2Mb / 14P
   Nch 600V 30A Power MOSFET
R6030ENZ ROHM-R6030ENZ Datasheet
945Kb / 13P
   Nch 600V 30A Power MOSFET
R6030KNZ1 ROHM-R6030KNZ1 Datasheet
2Mb / 14P
   Nch 600V 30A Power MOSFET
RS1G300GN ROHM-RS1G300GN Datasheet
1Mb / 12P
   Nch 40V 30A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com