Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E171 Datasheet (PDF) - ON Semiconductor

MC100E171 Datasheet PDF - ON Semiconductor
Part # MC100E171
Download  MC100E171 Download

File Size   101.37 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT 4:1 MULTIPLEXER

MC100E171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100E171 Datasheet PDF - ON Semiconductor

Part # MC100E171
Download  MC100E171 Click to download

File Size   101.37 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT 4:1 MULTIPLEXER

MC100E171 Datasheet (HTML) - ON Semiconductor

MC100E171 Datasheet HTML 1Page - ON Semiconductor MC100E171 Datasheet HTML 2Page - ON Semiconductor MC100E171 Datasheet HTML 3Page - ON Semiconductor MC100E171 Datasheet HTML 4Page - ON Semiconductor

MC100E171 Product details

Description
The MC10E/100E171 contains three 4:1 multiplexers with differential outputs. Separate Select controls are provided for the leading 2:1 MUX pairs (see logic symbol). The three Select inputs control which one of the four data inputs in each case is propagated to the corresponding output.
The 100 Series contains temperature compensation.

Features
• 725 ps Max. D to Output
• Split Select
• Differential Outputs
• PECL Mode Operating Range: VCC = 4.2 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC= 0 V with VEE = −4.2 V to −5.5 V
• Internal Input 50 k Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV, Machine Model; > 200 V
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level: Pb = 1 Pb−Free = 3 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 1.125 in, Oxygen Index: 28 to 34
• Transistor Count = 203 devices
• Pb−Free Packages are Available*




Similar Part No. - MC100E171

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E171 ONSEMI-MC100E171 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FN ONSEMI-MC100E171FN Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FNG ONSEMI-MC100E171FNG Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FNR2 ONSEMI-MC100E171FNR2 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC100E171FNR2G ONSEMI-MC100E171FNR2G Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
More results


Similar Description - MC100E171

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E171 MICREL-SY10E171_06 Datasheet
61Kb / 4P
   3-BIT 4:1 MULTIPLEXER
SY10E171 MICREL-SY10E171 Datasheet
60Kb / 4P
   3-BIT 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
logo
List of Unclassifed Man...
8263 ETC1-8263 Datasheet
149Kb / 3P
   3-INPUT 4-BIT DIGITAL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Integrated Circuit Syst...
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
   4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
   4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Texas Instruments
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com