Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C51 Datasheet (PDF) - Integrated Circuit Solution Inc

IC80C51 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC80C51
Download  IC80C51 Download

File Size   247.76 Kbytes
Page   44 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description CMOS SINGLE CHIP 8-BIT MICROCONTROLLER

IC80C51 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC80C51 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC80C51
Download  IC80C51 Click to download

File Size   247.76 Kbytes
Page   44 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description CMOS SINGLE CHIP 8-BIT MICROCONTROLLER

IC80C51 Datasheet (HTML) - Integrated Circuit Solution Inc

Back Button IC80C51 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 9Page - Integrated Circuit Solution Inc IC80C51 Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button 

IC80C51 Product details

GENERAL DESCRIPTION
The ICSI IC80C51 and IC80C31 are high-performance microcontroller fabricated using high-density CMOS technology. The CMOS IC80C51/31 is functionally compatible with the industry standard 80C51/31 microcontrollers.

FEATURES
• 80C51 based architecture
• 4K x 8 ROM (IC80C51 only)
• 128 x 8 RAM
• Two 16-bit Timer/Counters
• Full duplex serial channel
• Boolean processor
• Four 8-bit I/O ports, 32 I/O lines
• Memory addressing capability
    – 64K ROM and 64K RAM
• Program memory lock
    – Encrypted verify (32 bytes)
    – Lock bits (2)
• Power save modes:
    – Idle and power-down
• Six interrupt sources
• Most instructions execute in 0.3 µs
• CMOS and TTL compatible
• Maximum speed: 40 MHz @ Vcc = 5V
• Packages available:
    – 40-pin DIP
    – 44-pin PLCC
    – 44-pin PQFP




Similar Part No. - IC80C51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C52 ICSI-IC80C52 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-12PL ICSI-IC80C52-12PL Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-12PQ ICSI-IC80C52-12PQ Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-12W ICSI-IC80C52-12W Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C52-24PL ICSI-IC80C52-24PL Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Similar Description - IC80C51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com