Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICM-205BSA Datasheet (PDF) - List of Unclassifed Manufacturers

ICM-205BSA Datasheet PDF - List of Unclassifed Manufacturers
Part No. ICM-205BSA
Download  ICM-205BSA Click to view

File Size   589.17 Kbytes
Page   41 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description VGA/QVGA CMOS image sensor with digital YUV output

ICM-205BSA Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM-205BSA Datasheet PDF - List of Unclassifed Manufacturers

Part No. ICM-205BSA
Download  ICM-205BSA Click to view

File Size   589.17 Kbytes
Page   41 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description VGA/QVGA CMOS image sensor with digital YUV output

ICM-205BSA Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button ICM-205BSA Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

ICM-205BSA Product details

[IC MEDIA]

General Description
This is a single-chip digital color imaging device. It incorporates a 640 x 480 sensor array operating at max. 30 frames per second in progressive manner. Each pixel is covered by a color filter, which formed a so-called Bayer pattern. Correlated double sampling is performed by the internal ADC and timing circuitry.

Features
• 307,200 (640x480) pixels, VGA format, used with 1/4” optical system
• Correlated double sampling
• On-chip 9-bit ADC
• On-chip digital signal processing
    • Real-time color interpolation
    • Programmable/Automatic exposure control
    • Programmable/Automatic white balancing and color correction
    • Programmable sharpening control
    • Programmable color saturation control
    • Programmable gamma correction
    • Programmable brightness correction
    • Programmable hue correction
    • Programmable contrast correction
    • Programmable anti-flickering (50Hz, 60Hz or off, like outdoor)
    • Programmable media filter.
• Progressive readout
• Video mode and single frame mode
• Output data format: 8/16-bit YCbCr, 24-bit RGB, 16-bit RGB, 8-bit raw data
• Output modes: VGA and Sub-sampling QVGA/QQVGA, programmable
• Input/output interface: SIF
• Power down mode
• Automatic optical black compensation
• Left-Right Mirror image
• Up-down Mirror image
• Single power supply, 3.3V +/- 0.15V

Application
• Video cellular phone
• PDA
• Digital camcorder
• Digital still camera
• Video phone
• Video conferencing
• Video mail
• PC camera
• Security system
• Visual toy
• Industrial image capture/analysis
• Environment monitor system



Similar Part No. - ICM-205BSA

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ICM-202BSA ETC1-ICM-202BSA Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
ICM-202BTA ETC1-ICM-202BTA Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
TDK Electronics
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
More results

Similar Description - ICM-205BSA

ManufacturerPart No.DatasheetDescription
Pixart Imaging Inc.
Pixart Imaging Inc.
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
   CMOS QVGA DIGITAL IMAGE SENSOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
Pixart Imaging Inc.
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
ON Semiconductor
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz