Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL51D Datasheet (PDF) - ON Semiconductor

MC10EL51D Datasheet PDF - ON Semiconductor
Part # MC10EL51D
Download  MC10EL51D Download

File Size   80.98 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Differential Clock D Flip-Flop

MC10EL51D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EL51D Datasheet PDF - ON Semiconductor

Part # MC10EL51D
Download  MC10EL51D Click to download

File Size   80.98 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Differential Clock D Flip-Flop

MC10EL51D Datasheet (HTML) - ON Semiconductor

MC10EL51D Datasheet HTML 1Page - ON Semiconductor MC10EL51D Datasheet HTML 2Page - ON Semiconductor MC10EL51D Datasheet HTML 3Page - ON Semiconductor

MC10EL51D Product details

Description
The MC10EL/100EL51 is a differential clock D flip-flop with reset. The device is functionally similar to the E151 device with higher performance capabilities. With propagation delays and output transition times significantly faster than the E151 the EL51 is ideally suited for those applications which require the ultimate in AC performance.
   
Features
• 475 ps Propagation Delay
• 2.8 GHz Toggle Frequency
• ESD Protection: > 1 kV Human Body Model,
    > 100 V Machine Model
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
    with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V
    with VEE = −4.2 V to −5.7 V
• Internal Input Pulldown Resistors on D, R, and CLK
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 73 devices
• Pb−Free Packages are Available
   




Similar Part No. - MC10EL51D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL51D ONSEMI-MC10EL51D Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EL51D ONSEMI-MC10EL51D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL51DG ONSEMI-MC10EL51DG Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EL51DG ONSEMI-MC10EL51DG Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC10EL51DR2 ONSEMI-MC10EL51DR2 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
More results


Similar Description - MC10EL51D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com