Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOM140C Datasheet (PDF) - Schneider Electric

HOM140C Datasheet PDF - Schneider Electric
Part # HOM140C
Download  HOM140C Download

File Size   57.28 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description MINIATURE CIRCUIT BREAKER 120/240V 40A

HOM140C Datasheet (PDF)

Go To PDF Page Download Datasheet
HOM140C Datasheet PDF - Schneider Electric

Part # HOM140C
Download  HOM140C Click to download

File Size   57.28 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description MINIATURE CIRCUIT BREAKER 120/240V 40A

HOM140C Datasheet (HTML) - Schneider Electric

HOM140C Datasheet HTML 1Page - Schneider Electric HOM140C Datasheet HTML 2Page - Schneider Electric



Similar Part No. - HOM140C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM140CP SCHNEIDER-HOM140CP Datasheet
125Kb / 2P
   MINIATURE CIRCUIT BREAKER 120V 40A
More results


Similar Description - HOM140C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM240C SCHNEIDER-HOM240C Datasheet
129Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 40A
HOM140 SCHNEIDER-HOM140 Datasheet
93Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 40A
HOM240 SCHNEIDER-HOM240 Datasheet
129Kb / 2P
   MINIATURE CIRCUIT BREAKER 120/240V 40A
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOUR140 SCHNEIDER-QOUR140 Datasheet
106Kb / 2P
   QOUR Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
QOU140VH SCHNEIDER-QOU140VH Datasheet
118Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 1P, 120/240V, 22kA
QOUR240 SCHNEIDER-QOUR240 Datasheet
121Kb / 2P
   QOUR Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU140 SCHNEIDER-QOU140 Datasheet
90Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
QOUQ240 SCHNEIDER-QOUQ240 Datasheet
102Kb / 2P
   QOUQ Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU140B SCHNEIDER-QOU140B Datasheet
118Kb / 2P
   QOU Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA, Bulk
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com