Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSH8N80A Datasheet (PDF) - Fairchild Semiconductor

SSH8N80A Datasheet PDF - Fairchild Semiconductor
Part # SSH8N80A
Download  SSH8N80A Download

File Size   249.82 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-CHANNEL POWER MOSFET

SSH8N80A Datasheet (PDF)

Go To PDF Page Download Datasheet
SSH8N80A Datasheet PDF - Fairchild Semiconductor

Part # SSH8N80A
Download  SSH8N80A Click to download

File Size   249.82 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-CHANNEL POWER MOSFET

SSH8N80A Datasheet (HTML) - Fairchild Semiconductor

SSH8N80A Datasheet HTML 1Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 2Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 3Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 4Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 5Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 6Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 7Page - Fairchild Semiconductor SSH8N80A Datasheet HTML 8Page - Fairchild Semiconductor

SSH8N80A Product details

FEATURES

• Avalanche Rugged Technology

• Rugged Gate Oxide Technology

• Lower Input Capacitance

• Improved Gate Charge

• Extended Safe Operating Area

• Lower Leakage Current: 25µA (Max.) @ VDS= 800V

• Lower RDS(ON): 1.000Ω(Typ.)




Similar Part No. - SSH8N80A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SSH8N80A ISC-SSH8N80A Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - SSH8N80A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com