Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP31DT Datasheet (PDF) - ON Semiconductor

MC10EP31DT Datasheet PDF - ON Semiconductor
Part # MC10EP31DT
Download  MC10EP31DT Download

File Size   72.48 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description D Flip Flop with Set and Reset

MC10EP31DT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EP31DT Datasheet PDF - ON Semiconductor

Part # MC10EP31DT
Download  MC10EP31DT Click to download

File Size   72.48 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description D Flip Flop with Set and Reset

MC10EP31DT Datasheet (HTML) - ON Semiconductor

MC10EP31DT Datasheet HTML 1Page - ON Semiconductor MC10EP31DT Datasheet HTML 2Page - ON Semiconductor MC10EP31DT Datasheet HTML 3Page - ON Semiconductor MC10EP31DT Datasheet HTML 4Page - ON Semiconductor MC10EP31DT Datasheet HTML 5Page - ON Semiconductor MC10EP31DT Datasheet HTML 6Page - ON Semiconductor MC10EP31DT Datasheet HTML 7Page - ON Semiconductor MC10EP31DT Datasheet HTML 8Page - ON Semiconductor

MC10EP31DT Product details

Description

The MC10/100EP31 is a D flip−flop with set and reset. The device is pin and functionally equivalent to the EL31 and LVEL31 devices. With AC performance much faster than the EL31 and LVEL31 devices, the EP31 is ideal for applications requiring the fastest AC performance available. Both set and reset inputs are asynchronous, level triggered signals. Data enters the master portion of the flip−flop when CLK is low and is transferred to the slave, and thus the outputs, upon a positive transition of the CLK.



Features

The 100 Series contains temperature compensation.

•340 ps Typical Propagation Delay

•Maximum Frequency > 3 GHz Typical

•PECL Mode Operating Range:

VCC= 3.0 V to 5.5 V with VEE= 0 V

•NECL Mode Operating Range:

VCC= 0 V with VEE= −3.0 V to −5.5 V

•Open Input Default State

•Q Output Will Default LOW with Inputs Open or at VEE

•Pb−Free Packages are Available



 




Similar Part No. - MC10EP31DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP31DT ONSEMI-MC10EP31DT Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DTG ONSEMI-MC10EP31DTG Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DTG ONSEMI-MC10EP31DTG Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC10EP31DTR2 ONSEMI-MC10EP31DTR2 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DTR2G ONSEMI-MC10EP31DTR2G Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
More results


Similar Description - MC10EP31DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com