Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9508-55B Datasheet (PDF) - Nexperia B.V. All rights reserved

BUK9508-55B Datasheet PDF - Nexperia B.V. All rights reserved
Part # BUK9508-55B
Download  BUK9508-55B Download

File Size   464.34 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel TrenchMOS logic level FET

BUK9508-55B Datasheet (PDF)

Go To PDF Page Download Datasheet
BUK9508-55B Datasheet PDF - Nexperia B.V. All rights reserved

Part # BUK9508-55B
Download  BUK9508-55B Click to download

File Size   464.34 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel TrenchMOS logic level FET

BUK9508-55B Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button BUK9508-55B Datasheet HTML 1Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 2Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 3Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 4Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 5Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 6Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 7Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 8Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 9Page - Nexperia B.V. All rights reserved BUK9508-55B Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

BUK9508-55B Product details

General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology. This product has been designed and qualified to the appropriate AEC standard for use in automotive critical applications.

Features and benefits
■ Low conduction losses due to low
   on-state resistance
■ Q101 compliant
■ Suitable for logic level gate drive
   sources
■ Suitable for thermally demanding
   environments due to 175 °C rating

Applications
■ 12 V and 24 V loads
■ Automotive systems
■ General purpose power switching
■ Motors, lamps and solenoids




Similar Part No. - BUK9508-55B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9508-55B ISC-BUK9508-55B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK9508-55B PHILIPS-BUK9508-55B_15 Datasheet
363Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03-15 June 2010
More results


Similar Description - BUK9508-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com