Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G04GW-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G04GW-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G04GW-Q100
Download  74AHC1G04GW-Q100 Download

File Size   201.09 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V

74AHC1G04GW-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G04GW-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G04GW-Q100
Download  74AHC1G04GW-Q100 Click to download

File Size   201.09 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V

74AHC1G04GW-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74AHC1G04GW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC1G04GW-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74AHC1G04GW-Q100 Product details

General description
74AHC1G04-Q100 and 74AHCT1G04-Q100 are high-speed Si-gate CMOS devices. They provide an inverting buffer.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• SOT353-1 and SOT753 package options
• ESD protection:
    • MIL-STD-883, method 3015 exceeds 2000 V
    • HBM JESD22-A114F exceeds 2000 V
    • MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0 Ω)



Similar Part No. - 74AHC1G04GW-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G04GW-Q100 NEXPERIA-74AHC1G04GW-Q100 Datasheet
209Kb / 11P
   Inverter
Rev. 3 - 11 January 2022
More results


Similar Description - 74AHC1G04GW-Q100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
Infineon Technologies A...
XDP710 INFINEON-XDP710 Datasheet
1Mb / 85P
   Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
Rev. 2.0 2022-11-22
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
ATMEL Corporation
T2801 ATMEL-T2801_97 Datasheet
523Kb / 29P
   Supply Voltage Range 3 V to 4.6 V (Unregulated)
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com