Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4024-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4024-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4024-Q100
Download  74HC4024-Q100 Download
File Size   219.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 7-stage binary ripple counter

74HC4024-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4024-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4024-Q100
Download  74HC4024-Q100 Click to download

File Size   219.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 7-stage binary ripple counter

74HC4024-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4024-Q100 Product details

General description
The 74HC4024-Q100 is a 7-stage binary ripple counter with a clock input (CP), an overriding asynchronous master reset input (MR) and seven fully buffered parallel outputs (Q0 to Q6). The counter advances on the HIGH-to-LOW transition of CP. A HIGH on MR clears all counter stages and forces all outputs LOW, independent of the state of CP. Each counter stage is a static toggle flip-flop. Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall times. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
   • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Low-power dissipation
• Complies with JEDEC standard no. 7A
• CMOS input levels
• ESD protection:
   • MIL-STD-883, method 3015 exceeds 2000 V
   • HBM JESD22-A114F exceeds 2000 V
   • MM JESD22-A115-A exceeds 200 V (C = 200 pF; R = 0 Ω)

Applications
• Frequency dividing circuits
• Time delay circuits.




Similar Part No. - 74HC4024-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
NXP Semiconductors
74HC4024D PHILIPS-74HC4024D Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC4024D NEXPERIA-74HC4024D Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
NXP Semiconductors
74HC4024DB PHILIPS-74HC4024DB Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
More results


Similar Description - 74HC4024-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
7 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
logo
Nexperia B.V. All right...
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com