Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H161 Datasheet (PDF) - ON Semiconductor

MC10H161 Datasheet PDF - ON Semiconductor
Part # MC10H161
Download  MC10H161 Download

File Size   119.01 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Binary to 1-8 Decoder(Low)

MC10H161 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H161 Datasheet PDF - ON Semiconductor

Part # MC10H161
Download  MC10H161 Click to download

File Size   119.01 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Binary to 1-8 Decoder(Low)

MC10H161 Datasheet (HTML) - ON Semiconductor

MC10H161 Datasheet HTML 1Page - ON Semiconductor MC10H161 Datasheet HTML 2Page - ON Semiconductor MC10H161 Datasheet HTML 3Page - ON Semiconductor MC10H161 Datasheet HTML 4Page - ON Semiconductor

MC10H161 Product details

Description
The MC10H161 provides parallel decoding of a three bit binary word to one of eight lines. The MC10H161 is useful in high−speed multiplexer/demultiplexer applications.
The MC10H161 is designed to decode a three bit input word to one of eight output lines. The MC10H161 output will be low when selected while all other output are high. The enable inputs, when either or both are high, force all outputs high.
The MC10H161 is a true parallel decoder. This eliminates unequal parallel path delay times found in other decoder designs. These devices are ideally suited for multiplexer/demultiplexer applications.

Features
• Propagation Delay, 1.0 ns Typical
• Power Dissipation, 315 mW Typical (same as MECL 10K™)
• Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K Compatible
• Pb−Free Packages are Available*




Similar Part No. - MC10H161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H161 ONSEMI-MC10H161 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H161FN ONSEMI-MC10H161FN Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161FN ONSEMI-MC10H161FN Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H161FNG ONSEMI-MC10H161FNG Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H161FNR2 ONSEMI-MC10H161FNR2 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
More results


Similar Description - MC10H161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com