Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7831-HA Datasheet (PDF) - California Eastern Labs

MC-7831-HA Datasheet PDF - California Eastern Labs
Part # MC-7831-HA
Download  MC-7831-HA Download

File Size   260.26 Kbytes
Page   3 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER

MC-7831-HA Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7831-HA Datasheet PDF - California Eastern Labs

Part # MC-7831-HA
Download  MC-7831-HA Click to download

File Size   260.26 Kbytes
Page   3 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER

MC-7831-HA Datasheet (HTML) - California Eastern Labs

MC-7831-HA Datasheet HTML 1Page - California Eastern Labs MC-7831-HA Datasheet HTML 2Page - California Eastern Labs MC-7831-HA Datasheet HTML 3Page - California Eastern Labs

MC-7831-HA Product details

DESCRIPTION
NECs MC-7831-HA is a GaAs Multi-Chip Module designed for use as input stages in CATV applications up to 1 GHz. Because this unit is a GaAs device, it has low distortion, low noise figure, and low return loss across the entire frequency band.

FEATURES
• SPECIFIED FOR INCREASED BANDWIDTH TO 1 GHz
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN:
    MC-7831-HA - GL = 18 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
    Withstands environmental extremes as well as Silicon devices (Surge, ESD, Etc.)

APPLICATIONS
• CATV HEADEND SYSTEMS
• CATV OPTICAL NODES
• CATV DISTRIBUTION AMPS




Similar Part No. - MC-7831-HA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
Renesas Technology Corp
MC-7831-HA RENESAS-MC-7831-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
logo
California Eastern Labs
MC-7831-HA-AZ CEL-MC-7831-HA-AZ Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
More results


Similar Description - MC-7831-HA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7852 CEL-MC-7852 Datasheet
24Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7852 NEC-MC-7852 Datasheet
22Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7852G CEL-MC-7852G Datasheet
25Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
   1 GHz, 21 dB Gain CATV Push-Pull Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com