Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB380VH5273 Datasheet (PDF) - Schneider Electric

QOB380VH5273 Datasheet PDF - Schneider Electric
Part # QOB380VH5273
Download  QOB380VH5273 Download

File Size   56.84 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on

QOB380VH5273 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB380VH5273 Datasheet PDF - Schneider Electric

Part # QOB380VH5273
Download  QOB380VH5273 Click to download

File Size   56.84 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on

QOB380VH5273 Datasheet (HTML) - Schneider Electric

QOB380VH5273 Datasheet HTML 1Page - Schneider Electric QOB380VH5273 Datasheet HTML 2Page - Schneider Electric



Similar Part No. - QOB380VH5273

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB380VH SCHNEIDER-QOB380VH Datasheet
122Kb / 2P
   QO mini breaker, 80 A, 3 pole, 120/240 V, 22 kA, bolt on
QOB380VH1021 SCHNEIDER-QOB380VH1021 Datasheet
151Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB380VH1042 SCHNEIDER-QOB380VH1042 Datasheet
56Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB380VHFT SCHNEIDER-QOB380VHFT Datasheet
56Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, FT
More results


Similar Description - QOB380VH5273

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB380VHFT SCHNEIDER-QOB380VHFT Datasheet
56Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB3805274 SCHNEIDER-QOB3805274 Datasheet
125Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 10 kA, Bolt on
QOB3805273 SCHNEIDER-QOB3805273 Datasheet
122Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 10 kA, Bolt on
QOB380VH1042 SCHNEIDER-QOB380VH1042 Datasheet
56Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB380VH1021 SCHNEIDER-QOB380VH1021 Datasheet
151Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 22 kA, Bolt on, Shunt Trip
QOB3805288 SCHNEIDER-QOB3805288 Datasheet
131Kb / 2P
   Mini CB, QO, 80 A, 3P, 120/240 V, 10 kA, Bolt on
QOB315VH5237 SCHNEIDER-QOB315VH5237 Datasheet
125Kb / 2P
   Mini CB, QO, 15 A, 3P, 120/240 V, 22 kA, Bolt on
QOB320VH5237 SCHNEIDER-QOB320VH5237 Datasheet
125Kb / 2P
   Mini CB, QO, 20 A, 3P, 120/240 V, 22 kA, Bolt on
QOB340VH1201 SCHNEIDER-QOB340VH1201 Datasheet
141Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 22 kA, Bolt on,
QOB370VH5273 SCHNEIDER-QOB370VH5273 Datasheet
137Kb / 2P
   Mini CB, QO, 70 A, 3P, 120/240 V, 22 kA, Bolt on
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com