Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1130 Datasheet (PDF) - ON Semiconductor

MC10SX1130 Datasheet PDF - ON Semiconductor
Part # MC10SX1130
Download  MC10SX1130 Download

File Size   106.24 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LED DRIVER

MC10SX1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10SX1130 Datasheet PDF - ON Semiconductor

Part # MC10SX1130
Download  MC10SX1130 Click to download

File Size   106.24 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LED DRIVER

MC10SX1130 Datasheet (HTML) - ON Semiconductor

MC10SX1130 Datasheet HTML 1Page - ON Semiconductor MC10SX1130 Datasheet HTML 2Page - ON Semiconductor MC10SX1130 Datasheet HTML 3Page - ON Semiconductor MC10SX1130 Datasheet HTML 4Page - ON Semiconductor MC10SX1130 Datasheet HTML 5Page - ON Semiconductor MC10SX1130 Datasheet HTML 6Page - ON Semiconductor MC10SX1130 Datasheet HTML 7Page - ON Semiconductor MC10SX1130 Datasheet HTML 8Page - ON Semiconductor

MC10SX1130 Product details

Description
The MC10SX1130 is high speed LED Driver/current switch specifically targeted for use in FDDI PMD and ANSI X3T9.3 FibreChannel 266 Mbits/s optical transmitters. The integrated circuit contains several unique functional blocks which makes it easily configurable for use with a variety of high performance LED devices. The part is fabricated using MOSAIC III™ bipolar process. The logic is designed so that a data HIGH input results in the modulation current flowing through the IOUT pin to turn on the LED.

Features
• Differential Data Inputs
• 300 MHz Operation
• 100 mA Peak Drive Current
• Extremely Low Jitter
• Duty Cycle Distortion Compensation
• Adjustable Output Current Tracking With Temperature
• Thermally Enhanced 16-Lead SOIC Package
• 75 kΩ Data Input Pulldown Resistors
• +5 V or −5.2 V Operation
• VBB Reference Available
• Pb−Free Packages are Available*




Similar Part No. - MC10SX1130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2G ONSEMI-MC10SX1130DR2G Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results


Similar Description - MC10SX1130

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com