Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14040B Datasheet (PDF) - ON Semiconductor

MC14040B Datasheet PDF - ON Semiconductor
Part # MC14040B
Download  MC14040B Download

File Size   215.41 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12-Bit Binary Counter

MC14040B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14040B Datasheet PDF - ON Semiconductor

Part # MC14040B
Download  MC14040B Click to download

File Size   215.41 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12-Bit Binary Counter

MC14040B Datasheet (HTML) - ON Semiconductor

MC14040B Datasheet HTML 1Page - ON Semiconductor MC14040B Datasheet HTML 2Page - ON Semiconductor MC14040B Datasheet HTML 3Page - ON Semiconductor MC14040B Datasheet HTML 4Page - ON Semiconductor MC14040B Datasheet HTML 5Page - ON Semiconductor MC14040B Datasheet HTML 6Page - ON Semiconductor MC14040B Datasheet HTML 7Page - ON Semiconductor MC14040B Datasheet HTML 8Page - ON Semiconductor

MC14040B Product details

The MC14040B 12−stage binary counter is constructed with MOS P−Channel and N−Channel enhancement mode devices in a single monolithic structure. This part is designed with an input wave shaping circuit and 12 stages of ripple−carry binary counter. The device advances the count on the negative−going edge of the clock pulse. Applications include time delay circuits, counter controls, and frequency−driving circuits.

Features
• Fully Static Operation
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low−power TTL Loads or One Low−power Schottky TTL Load Over the Rated Temperature Range
• Common Reset Line
• Pin−for−Pin Replacement for CD4040B
• These Devices are Pb−Free and are RoHS Compliant
• NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable




Similar Part No. - MC14040B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14040B ONSEMI-MC14040B Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
MC14040B ONSEMI-MC14040B Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
MC14040B ONSEMI-MC14040B Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
MC14040BCP ONSEMI-MC14040BCP Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
MC14040BCPG ONSEMI-MC14040BCPG Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
More results


Similar Description - MC14040B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
ON Semiconductor
MC14040B ONSEMI-MC14040B_14 Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
MC14040BDTR2G ONSEMI-MC14040BDTR2G Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com