Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3339 Datasheet (PDF) - List of Unclassifed Manufacturers

TC3339 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC3339
Download  TC3339 Download

File Size   255.08 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 2.9 - 3.7 GHz 1W MMIC

TC3339 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3339 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC3339
Download  TC3339 Click to download

File Size   255.08 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 2.9 - 3.7 GHz 1W MMIC

TC3339 Datasheet (HTML) - List of Unclassifed Manufacturers


TC3339 Product details

[TRANSCOM, INC.,]

DESCRIPTION
The TC3339 is a 2-stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 2.9 -3.7 GHz band applications. The MMIC is matched to 50Ω operation. It provides a typical gain of 26 dB and P1dB power of more than 30 dBm. Typical bias condition is 7V at 650 mA. The MMIC is packaged in a low-cost surface-mountable plastic package.

FEATURES
• P-1 dB: 30 dBm
• Small Signal Gain: 26 dB
• Power Added Efficiency: 25 %
• IP3: 39 dBm
• Matched to 50 Ω operation
• Bias condition: 650 mA @ 7 V

APPLICATIONS
• Wireless Internet Access
• Wireless Local Loop
• Two way radio




Similar Part No. - TC3339

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
More results


Similar Description - TC3339

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
   3.3 - 3.7 GHz 1W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
   3.3 - 3.7 GHz 2W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
   2.4 GHz 1W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
   2.4 GHz 1W MMIC
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
   2.3 - 2.5 GHz 1W MMIC
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
   0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
logo
List of Unclassifed Man...
TC3538 ETC1-TC3538 Datasheet
147Kb / 4P
   5-6 GHz 1W MMIC
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com