Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1403BD Datasheet (PDF) - ON Semiconductor

MC1403BD Datasheet PDF - ON Semiconductor
Part # MC1403BD
Download  MC1403BD Download

File Size   125.59 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PRECISION LOW VOLTAGE REFERENCE

MC1403BD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1403BD Datasheet PDF - ON Semiconductor

Part # MC1403BD
Download  MC1403BD Click to download

File Size   125.59 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PRECISION LOW VOLTAGE REFERENCE

MC1403BD Datasheet (HTML) - ON Semiconductor

MC1403BD Datasheet HTML 1Page - ON Semiconductor MC1403BD Datasheet HTML 2Page - ON Semiconductor MC1403BD Datasheet HTML 3Page - ON Semiconductor MC1403BD Datasheet HTML 4Page - ON Semiconductor MC1403BD Datasheet HTML 5Page - ON Semiconductor MC1403BD Datasheet HTML 6Page - ON Semiconductor MC1403BD Datasheet HTML 7Page - ON Semiconductor MC1403BD Datasheet HTML 8Page - ON Semiconductor

MC1403BD Product details

A precision band−gap voltage reference designed for critical instrumentation and D/A converter applications. This unit is designed to work with D/A converters, up to 12 bits in accuracy, or as a reference for power supply applications.

• Output Voltage: 2.5 V 25 mV
• Input Voltage Range: 4.5 V to 40 V
• Quiescent Current: 1.2 mA Typical
• Output Current: 10 mA
• Temperature Coefficient: 10 ppm/°C Typical
• Guaranteed Temperature Drift Specification
• Equivalent to AD580
• Standard 8−Pin DIP, and 8−Pin SOIC Package

Typical Applications
• Voltage Reference for 8 to 12 Bit D/A Converters
• Low TC Zener Replacement
• High Stability Current Reference
• Voltmeter System Reference
• Pb−Free Package is Available




Similar Part No. - MC1403BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1403BD ONSEMI-MC1403BD Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
MC1403BDG ONSEMI-MC1403BDG Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
MC1403BDR2 ONSEMI-MC1403BDR2 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results


Similar Description - MC1403BD

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com