Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33460 Datasheet (PDF) - ON Semiconductor

MC33460 Datasheet PDF - ON Semiconductor
Part # MC33460
Download  MC33460 Download

File Size   256.22 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Under Voltage Detector Series

MC33460 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33460 Datasheet PDF - ON Semiconductor

Part # MC33460
Download  MC33460 Click to download

File Size   256.22 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Under Voltage Detector Series

MC33460 Datasheet (HTML) - ON Semiconductor

Back Button MC33460 Datasheet HTML 1Page - ON Semiconductor MC33460 Datasheet HTML 2Page - ON Semiconductor MC33460 Datasheet HTML 3Page - ON Semiconductor MC33460 Datasheet HTML 4Page - ON Semiconductor MC33460 Datasheet HTML 5Page - ON Semiconductor MC33460 Datasheet HTML 6Page - ON Semiconductor MC33460 Datasheet HTML 7Page - ON Semiconductor MC33460 Datasheet HTML 8Page - ON Semiconductor MC33460 Datasheet HTML 9Page - ON Semiconductor MC33460 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33460 Product details

Under Voltage Detector Series



The MC33460 and MC33461 series are ultra–low power CMOS under–voltage detectors with very tight threshold accuracy specifically designed for accurate monitoring of power supplies. The devices are optimized for use in battery powered systems where low quiescent current and small packaging are required. The device generates an active–low signal whenever the input voltage falls below the factory set ±2% threshold. Hysteresis is provided to ensure reliable output switching.



Features

•Available in Open Drain or Push–Pull Output

•Output State Guaranteed to Vin= 0.8 V

•Tight Detector Voltage Accuracy (±2.0%)

•Extended Temperature Operation (–40°C to 85°C)

•Ultra Low Quiescent Current (0.8 µA at Vin = 1.5 V typical)

•Wide Range of Operating Voltage (0.7 V to 10 V)



Applications

•Low Battery Detector

•Power–Fail Indicator

•Microprocessor Reset Generator

•Window Comparator

•Battery Backup Circuit




Similar Part No. - MC33460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30KT1 ONSEMI-MC33463H-30KT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30LT1 ONSEMI-MC33463H-30LT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
More results


Similar Description - MC33460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com