Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34268 Datasheet (PDF) - ON Semiconductor

MC34268 Datasheet PDF - ON Semiconductor
Part # MC34268
Download  MC34268 Download

File Size   115.61 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SCSI-2 Active Terminator Regulator

MC34268 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34268 Datasheet PDF - ON Semiconductor

Part # MC34268
Download  MC34268 Click to download

File Size   115.61 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SCSI-2 Active Terminator Regulator

MC34268 Datasheet (HTML) - ON Semiconductor


MC34268 Product details

The MC34268 is a medium current, low dropout positive voltage regulator specifically designed for use in SCSI–2 active termination circuits. This device offers the circuit designer an economical solution for precision voltage regulation, while keeping power losses to a minimum. The regulator consists of a 1.0 V dropout composite PNP/NPN pass transistor, current limiting, and thermal limiting. These devices are packaged in the 8–pin SOP–8 and 3–pin DPAK and SOT–223 surface mount power packages.
Applications include active SCSI–2 terminators and post regulation of switching power supplies.
   
• 2.85 V Output Voltage for SCSI–2 Active Termination
• 1.0 V Dropout
• Output Current in Excess of 800 mA
• Thermal Protection
• Short Circuit Protection
• Output Trimmed to 1.4% Tolerance
• No Minimum Load Required
• Space Saving DPAK, SOT–223 and SOP–8 Surface Mount Power
    Packages
   




Similar Part No. - MC34268

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results


Similar Description - MC34268

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Alpha Industries
AS1117 ALPHA-AS1117 Datasheet
76Kb / 11P
   800mA Low Dropout Regulator SCSI-II Active Terminator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com