Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5493 Datasheet (PDF) - Intersil Corporation

EL5493 Datasheet PDF - Intersil Corporation
Part # EL5493
Download  EL5493 Download

File Size   281.31 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 300MHz Current Feedback Amplifier with Enable

EL5493 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5493 Datasheet PDF - Intersil Corporation

Part # EL5493
Download  EL5493 Click to download

File Size   281.31 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 300MHz Current Feedback Amplifier with Enable

EL5493 Datasheet (HTML) - Intersil Corporation

Back Button EL5493 Datasheet HTML 1Page - Intersil Corporation EL5493 Datasheet HTML 2Page - Intersil Corporation EL5493 Datasheet HTML 3Page - Intersil Corporation EL5493 Datasheet HTML 4Page - Intersil Corporation EL5493 Datasheet HTML 5Page - Intersil Corporation EL5493 Datasheet HTML 6Page - Intersil Corporation EL5493 Datasheet HTML 7Page - Intersil Corporation EL5493 Datasheet HTML 8Page - Intersil Corporation EL5493 Datasheet HTML 9Page - Intersil Corporation EL5493 Datasheet HTML 10Page - Intersil Corporation Next Button 

EL5493 Product details

Quad 300MHz Current Feedback Amplifier with Enable

The EL5493 and EL5493A are quad current feedback amplifiers with a bandwidth of 300MHz. This makes these amplifiers ideal for today’s high speed video and monitor applications.

Features
• 300MHz -3dB bandwidth
• 4mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Fast enable/disable (EL5493A only)
• Single (EL5193), dual (EL5293), and triple (EL5393) available
• High speed, 1GHz product available (EL5191)
• High speed, 6mA, 600MHz product available (EL5192, EL5292, EL5392 & EL5492)

Applications
• Battery-powered equipment
• Hand-held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5493

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL RENESAS-EL5493ACL Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T13 RENESAS-EL5493ACL-T13 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T7 RENESAS-EL5493ACL-T7 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493CS RENESAS-EL5493CS Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
More results


Similar Description - EL5493

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com