Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOUR3605283 Datasheet (PDF) - Schneider Electric

QOUR3605283 Datasheet PDF - Schneider Electric
Part # QOUR3605283
Download  QOUR3605283 Download

File Size   116.26 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Ring Terminal

QOUR3605283 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUR3605283 Datasheet PDF - Schneider Electric

Part # QOUR3605283
Download  QOUR3605283 Click to download

File Size   116.26 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Ring Terminal

QOUR3605283 Datasheet (HTML) - Schneider Electric

QOUR3605283 Datasheet HTML 1Page - Schneider Electric QOUR3605283 Datasheet HTML 2Page - Schneider Electric



Similar Part No. - QOUR3605283

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR360 SCHNEIDER-QOUR360 Datasheet
111Kb / 2P
   QOUQ Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
More results


Similar Description - QOUR3605283

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR3305283 SCHNEIDER-QOUR3305283 Datasheet
116Kb / 2P
   QOUR Miniature Circuit Breaker, 30A, 3P, 240V, 10kA, Ring Terminal
QOUR3205283 SCHNEIDER-QOUR3205283 Datasheet
110Kb / 2P
   QOUR Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Ring Terminal
QOUR3155283 SCHNEIDER-QOUR3155283 Datasheet
115Kb / 2P
   QOUR Miniature Circuit Breaker, 15A, 3P, 240V, 10kA, Ring Terminal
QOUR3505283 SCHNEIDER-QOUR3505283 Datasheet
109Kb / 2P
   QOUR Miniature Circuit Breaker, 50A, 3P, 240V, 10kA, Ring Terminal
QOU3605283 SCHNEIDER-QOU3605283 Datasheet
132Kb / 2P
   QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Ring Terminal
QOUR350 SCHNEIDER-QOUR350 Datasheet
117Kb / 2P
   QOUR Miniature Circuit Breaker, 50A, 3P, 240V, 10kA
QOUR340 SCHNEIDER-QOUR340 Datasheet
110Kb / 2P
   QOUR Miniature Circuit Breaker, 40A, 3P, 240V, 10kA
QOUR160 SCHNEIDER-QOUR160 Datasheet
106Kb / 2P
   QOUR Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
QOUR260 SCHNEIDER-QOUR260 Datasheet
122Kb / 2P
   QOUR Miniature Circuit Breaker, 60A, 2P, 120/240V, 10kA
QOUR1105283 SCHNEIDER-QOUR1105283 Datasheet
91Kb / 2P
   QOUR Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA, Ring Terminal
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com