Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34164D-3R2 Datasheet (PDF) - ON Semiconductor

MC34164D-3R2 Datasheet PDF - ON Semiconductor
Part # MC34164D-3R2
Download  MC34164D-3R2 Download

File Size   139.75 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MICROPOWER UNDERVOLTAGE SENSING CIRCUITS

MC34164D-3R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34164D-3R2 Datasheet PDF - ON Semiconductor

Part # MC34164D-3R2
Download  MC34164D-3R2 Click to download

File Size   139.75 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MICROPOWER UNDERVOLTAGE SENSING CIRCUITS

MC34164D-3R2 Datasheet (HTML) - ON Semiconductor

Back Button MC34164D-3R2 Datasheet HTML 1Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 2Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 3Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 4Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 5Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 6Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 7Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 8Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 9Page - ON Semiconductor MC34164D-3R2 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC34164D-3R2 Product details

The MC34164 series are undervoltage sensing circuits specifically designed for use as reset controllers in portable microprocessor based systems where extended battery life is required. These devices offer the designer an economical solution for low voltage detection with a single external resistor.

Features
• Temperature Compensated Reference
• Monitors 3.0 V (MC34164−3) or 5.0 V (MC34164−5) Power Supplies
• Precise Comparator Thresholds Guaranteed Over Temperature
• Comparator Hysteresis Prevents Erratic Reset
• Reset Output Capable of Sinking in Excess of 6.0 mA
• Internal Clamp Diode for Discharging Delay Capacitor
• Guaranteed Reset Operation With 1.0 V Input
• Extremely Low Standby Current: As Low as 9.0 A
• Economical TO−92 (TO−226AA), TSOP−5, SOIC−8 and Micro8
   Surface Mount Packages
• NCV Prefix for Automotive and Other Applications Requiring Site
   and Control Changes
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MC34164D-3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164D-3R2G ONSEMI-MC34164D-3R2G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results


Similar Description - MC34164D-3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com