Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXPA-18-18-18 Datasheet (PDF) - Neutrik AG

NXPA-18-18-18 Datasheet PDF - Neutrik AG
Part # NXPA-18-18-18
Download  NXPA-18-18-18 Download

File Size   25.33 Kbytes
Page   1 Pages
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG
Description 5 GHz antenna 18 dBi 18째H 18째V

NXPA-18-18-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXPA-18-18-18 Datasheet PDF - Neutrik AG

Part # NXPA-18-18-18
Download  NXPA-18-18-18 Click to download

File Size   25.33 Kbytes
Page   1 Pages
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG
Description 5 GHz antenna 18 dBi 18째H 18째V

NXPA-18-18-18 Datasheet (HTML) - Neutrik AG

NXPA-18-18-18 Datasheet HTML 1Page - Neutrik AG



Similar Part No. - NXPA-18-18-18

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NXPA-14-40-35 NEUTRIK-NXPA-14-40-35 Datasheet
63Kb / 1P
   5 GHz directional antenna 14dBi 40째H 35째V with N-adapter for pure receivers
More results


Similar Description - NXPA-18-18-18

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NXPA-2-360 NEUTRIK-NXPA-2-360 Datasheet
35Kb / 1P
   5 GHz antenna 2 dBi 360째H 360째V
logo
Microchip Technology
TRF1002 MICROCHIP-TRF1002 Datasheet
76Kb / 1P
   Aristotle RFA-02-5-F7H1 5 dBi 2.4 GHz External Antenna
3/26/2012
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
   2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
logo
Pasternack Enterprises,...
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
   WiMax Panel Antenna 3500 MHz, 18 dBi
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
   3.0 dBi ANTENNA
WAN10RSP HONEYWELL-WAN10RSP Datasheet
824Kb / 1P
   5.0 dBi ANTENNA
logo
Pasternack Enterprises,...
PE51106 PASTERNACK-PE51106 Datasheet
353Kb / 1P
   Dome Style Antenna 700-2500 GHz, 3 dBi
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
   Magnet Mount Antenna 3300-3800 MHz, 5 dBi
logo
Microchip Technology
TRF1001 MICROCHIP-TRF1001 Datasheet
75Kb / 1P
   Aristotle RFA-02-L2H1 2 dBi 2.4 GHz External Antenna
3/26/2012
logo
World Produts Inc.
WPANT30089-S1B WPI-WPANT30089-S1B Datasheet
141Kb / 3P
   5 dBi Wi-Fi / WLAN Dual-band Body-mount Antenna
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com