Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9F13316 Datasheet (PDF) - Schneider Electric

M9F13316 Datasheet PDF - Schneider Electric
Part # M9F13316
Download  M9F13316 Download

File Size   115.26 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60H - MCB - 3P - 16 A - B Curve - 415 V - 15 kA

M9F13316 Datasheet (PDF)

Go To PDF Page Download Datasheet
M9F13316 Datasheet PDF - Schneider Electric

Part # M9F13316
Download  M9F13316 Click to download

File Size   115.26 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60H - MCB - 3P - 16 A - B Curve - 415 V - 15 kA

M9F13316 Datasheet (HTML) - Schneider Electric

M9F13316 Datasheet HTML 1Page - Schneider Electric M9F13316 Datasheet HTML 2Page - Schneider Electric



Similar Part No. - M9F13316

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F13310 SCHNEIDER-M9F13310 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 10 A - B Curve - 415 V - 15 kA
M9F13313 SCHNEIDER-M9F13313 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 13 A - B Curve - 415 V - 15 kA
More results


Similar Description - M9F13316

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F13363 SCHNEIDER-M9F13363 Datasheet
107Kb / 2P
   Multi 9 - C60H - MCB - 3P - 63 A - B Curve - 415 V - 15 kA
M9F13301 SCHNEIDER-M9F13301 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 1 A - B Curve - 415 V - 15 kA
M9F13306 SCHNEIDER-M9F13306 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 6 A - B Curve - 415 V - 15 kA
M9F13302 SCHNEIDER-M9F13302 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 2 A - B Curve - 415 V - 15 kA
M9F13304 SCHNEIDER-M9F13304 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 4 A - B Curve - 415 V - 15 kA
M9F13332 SCHNEIDER-M9F13332 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 32 A - B Curve - 415 V - 15 kA
M9F13310 SCHNEIDER-M9F13310 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 10 A - B Curve - 415 V - 15 kA
M9F13320 SCHNEIDER-M9F13320 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 20 A - B Curve - 415 V - 15 kA
M9F13303 SCHNEIDER-M9F13303 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 3 A - B Curve - 415 V - 15 kA
M9F13313 SCHNEIDER-M9F13313 Datasheet
115Kb / 2P
   Multi 9 - C60H - MCB - 3P - 13 A - B Curve - 415 V - 15 kA
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com