Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ3GEY0R00V Datasheet (PDF) - NXP Semiconductors

ERJ3GEY0R00V Datasheet PDF - NXP Semiconductors
Part # ERJ3GEY0R00V
Download  ERJ3GEY0R00V Download

File Size   364.07 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor (InGaP HBT)

ERJ3GEY0R00V Datasheet (PDF)

Go To PDF Page Download Datasheet
ERJ3GEY0R00V Datasheet PDF - NXP Semiconductors

Part # ERJ3GEY0R00V
Download  ERJ3GEY0R00V Click to download

File Size   364.07 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor (InGaP HBT)

ERJ3GEY0R00V Datasheet (HTML) - NXP Semiconductors

Back Button ERJ3GEY0R00V Datasheet HTML 1Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 2Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 3Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 4Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 5Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 6Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 7Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 8Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 9Page - NXP Semiconductors ERJ3GEY0R00V Datasheet HTML 10Page - NXP Semiconductors Next Button 

ERJ3GEY0R00V Product details

0-6000 MHz, 15 dB 17 dBm InGaP HBT

The MMG3010NT1 is a General Purpose Amplifier that is internally input and output matched. It is designed for a broad range of Class A, small-signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 0 to 6000 MHz such as Cellular, PCS , BWA , WLL , PHS , CATV, VHF, UHF, UMTS and general
small-signal RF.

Features
• Frequency: 0 to 6000 MHz
• P1dB: 17 dBm @ 900 MHz
• Small-Signal Gain: 15 dB @ 900 MHz
• Third Order Output Intercept Point: 31 dBm @ 900 MHz
• Single 5 Volt Supply
• Internally Matched to 50 Ohms
• Low Cost SOT-89 Surface Mount Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 12 mm, 7 inch Reel.




Similar Part No. - ERJ3GEY0R00V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ3GEY0R00V PANASONICBATTERY-ERJ3GEY0R00V Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
logo
NXP Semiconductors
ERJ3GEY0R00V NXP-ERJ3GEY0R00V Datasheet
497Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
logo
Panasonic Semiconductor
ERJ3GEY0R00V PANASONIC-ERJ3GEY0R00V Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
ERJ3GEY0R00V PANASONIC-ERJ3GEY0R00V Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
ERJ3GEY0R00V PANASONIC-ERJ3GEY0R00V Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
More results


Similar Description - ERJ3GEY0R00V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com