Electronic Components Datasheet Search |
|
BURNDY_YF1812IT Datasheet (PDF) - Hubbell Incorporated. |
BURNDY_YF1812IT Datasheet (PDF) |
Download Datasheet |
Part # | BURNDY_YF1812IT |
Download | BURNDY_YF1812IT Click to download |
File Size | 272.15 Kbytes |
Page | 2 Pages |
Manufacturer | HUBBELL [Hubbell Incorporated.] |
Direct Link | https://www.hubbell.com/ |
Logo | |
Description | Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 18 AWG, 0.71" L, Tin Plated, Red, For use on Cu Cond. |
BURNDY_YF1812IT Datasheet (HTML) - Hubbell Incorporated. |
Similar Part No. - BURNDY_YF1812IT |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |