Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS4435BZ Datasheet (PDF) - Fairchild Semiconductor

FDS4435BZ Datasheet PDF - Fairchild Semiconductor
Part No. FDS4435BZ
Download  FDS4435BZ Click to view

File Size   94.81 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30 Volt P-Channel PowerTrench MOSFET

FDS4435BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4435BZ Datasheet PDF - Fairchild Semiconductor

Part No. FDS4435BZ
Download  FDS4435BZ Click to view

File Size   94.81 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30 Volt P-Channel PowerTrench MOSFET

FDS4435BZ Datasheet (HTML) - Fairchild Semiconductor

FDS4435BZ Datasheet HTML 1Page - Fairchild Semiconductor FDS4435BZ Datasheet HTML 2Page - Fairchild Semiconductor FDS4435BZ Datasheet HTML 3Page - Fairchild Semiconductor FDS4435BZ Datasheet HTML 4Page - Fairchild Semiconductor

FDS4435BZ Product details

General Description
This P-Channel MOSFET is produced using Fairchild Semiconductor’s advanced PowerTrench® process that has been especially tailored to minimize the on-state resistance.
This device is well suited for Power Management and load switching applications common in Notebook Computers and Portable Battery Packs.

Features
• –8.8 A, –30 V.
   RDS(ON) = 20 mΩ @ VGS = –10 V
   RDS(ON) = 35 mΩ @ VGS = – 4.5 V
• Extended VGSS range (–25V) for battery applications
• HBM ESD protection level of ±4.5 kV typical (note 3)
• High performance trench technology for extremely
   low RDS(ON)
• High power and current handling capability
• Termination is Lead-free and RoHS compliant



Similar Part No. - FDS4435BZ

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
288Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
ON Semiconductor
ON Semiconductor
FDS4435BZ-F085 ONSEMI-FDS4435BZ-F085 Datasheet
416Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m
September-2017,Rev.1
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
FDS4435BZ-NL VBSEMI-FDS4435BZ-NL Datasheet
1,004Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
FDS4435BZ FAIRCHILD-FDS4435BZ_07 Datasheet
288Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
More results

Similar Description - FDS4435BZ

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz