Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6930B Datasheet (PDF) - Fairchild Semiconductor

FDS6930B Datasheet PDF - Fairchild Semiconductor
Part # FDS6930B
Download  FDS6930B Download

File Size   532.92 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel Logic Level PowerTrench MOSFET

FDS6930B Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6930B Datasheet PDF - Fairchild Semiconductor

Part # FDS6930B
Download  FDS6930B Click to download

File Size   532.92 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel Logic Level PowerTrench MOSFET

FDS6930B Datasheet (HTML) - Fairchild Semiconductor

FDS6930B Datasheet HTML 1Page - Fairchild Semiconductor FDS6930B Datasheet HTML 2Page - Fairchild Semiconductor FDS6930B Datasheet HTML 3Page - Fairchild Semiconductor FDS6930B Datasheet HTML 4Page - Fairchild Semiconductor FDS6930B Datasheet HTML 5Page - Fairchild Semiconductor

FDS6930B Product details

General Description
These N-Channel Logic Level MOSFETs are produced using Fairchild Semiconductor’s advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
■ 5.5 A, 30 V.
   RDS(ON) = 38 mΩ @ VGS = 10 V
   RDS(ON) = 50 mΩ @ VGS = 4.5 V
■ Fast switching speed
■ Low gate charge
■ High performance trench technology for extremely
   low RDS(ON)
■ High power and current handling capability




Similar Part No. - FDS6930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6930B FAIRCHILD-FDS6930B_10 Datasheet
199Kb / 5P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
More results


Similar Description - FDS6930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI3948DV FAIRCHILD-SI3948DV Datasheet
95Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS8949 FAIRCHILD-FDS8949 Datasheet
342Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com