Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFA60UP30DN Datasheet (PDF) - Fairchild Semiconductor

FFA60UP30DN Datasheet PDF - Fairchild Semiconductor
Part # FFA60UP30DN
Download  FFA60UP30DN Download

File Size   124.37 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultrafast Recovery Power Rectifier

FFA60UP30DN Datasheet (PDF)

Go To PDF Page Download Datasheet
FFA60UP30DN Datasheet PDF - Fairchild Semiconductor

Part # FFA60UP30DN
Download  FFA60UP30DN Click to download

File Size   124.37 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultrafast Recovery Power Rectifier

FFA60UP30DN Datasheet (HTML) - Fairchild Semiconductor

FFA60UP30DN Datasheet HTML 1Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 2Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 3Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 4Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 5Page - Fairchild Semiconductor

FFA60UP30DN Product details

Description
The FFA60UP30DN is an ultrafast diode with low forward voltage drop and rugged UIS capability. This device is intended for use as freewheeling and clamping diodes in a variety of switching power supplies and other power switching applications. It is specially suited for use in switching power supplies and industrial applicationa as welder and UPS application.

Features
• Ultrafast Recovery, Trr =55 ns(@IF = 30 A)
• Max. Forward Voltage, VF= 1.5 V (@ TC= 25°C)
• Reverse Voltage: VRRM= 300 V
• Avalanche Energy Rated

Applications
• General Purpose, Free-Wheeling Diode for Motor Application
• SMPS, Power Switching Circuits
• RoHS Compliant




Similar Part No. - FFA60UP30DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FFA60UP30DN THINKISEMI-FFA60UP30DN Datasheet
5Mb / 2P
   60Amperes,300Volts Dual Common Cathode Ultra Fast Recovery Rectifiers
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFA60UP30DNTU THINKISEMI-FFA60UP30DNTU Datasheet
5Mb / 2P
   60Amperes,300Volts Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


Similar Description - FFA60UP30DN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com